Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46867M Datasheet(PDF) 50 Page - Renesas Technology Corp

Part # SLG46867M
Description  GreenPAK Programmable Mixed-Signal Matrix with Dual 44 m/2 A P-FET
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG46867M Datasheet(HTML) 50 Page - Renesas Technology Corp

Back Button SLG46867M Datasheet HTML 46Page - Renesas Technology Corp SLG46867M Datasheet HTML 47Page - Renesas Technology Corp SLG46867M Datasheet HTML 48Page - Renesas Technology Corp SLG46867M Datasheet HTML 49Page - Renesas Technology Corp SLG46867M Datasheet HTML 50Page - Renesas Technology Corp SLG46867M Datasheet HTML 51Page - Renesas Technology Corp SLG46867M Datasheet HTML 52Page - Renesas Technology Corp SLG46867M Datasheet HTML 53Page - Renesas Technology Corp SLG46867M Datasheet HTML 54Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 209 page
background image
Datasheet
5-Feb-2024
CFR0011-120-00
Revision 3.22
Page 50 of 208
© 2024 Renesas Electronics Corporation
SLG46867
GreenPAK Programmable Mixed-Signal Matrix
with Dual 44 m
/2 A P-FET
7.1.1 2-Bit LUT or D Flip-Flop Macrocell Used as 2-Bit LUT
This macrocell, when programmed for a LUT function, uses a 4-bit register to define their output function:
2-Bit LUT0 is defined by registers [1499:1496]
2-Bit LUT1 is defined by registers [1503:1500]
2-Bit LUT2 is defined by registers [1507:1504]
Table 28 shows the register bits for the standard digital logic devices (AND, NAND, OR, NOR, XOR, XNOR) that can be created
within each of the 2-bit LUT logic cells.
Table 28: 2-bit LUT Standard Digital Functions
Function
MSB
LSB
AND-2
1000
NAND-2
0111
OR-2
1110
NOR-2
0001
XOR-2
0110
XNOR-2
1001
Table 25: 2-bit LUT0 Truth Table
IN1
IN0
OUT
0
0
register [1496]
LSB
0
1
register [1497]
1
0
register [1498]
1
1
register [1499]
MSB
Table 26: 2-bit LUT1 Truth Table
IN1
IN0
OUT
0
0
register [1500]
LSB
0
1
register [1501]
1
0
register [1502]
1
1
register [1503]
MSB
Table 27: 2-bit LUT2 Truth Table
IN1
IN0
OUT
0
0
register [1504]
LSB
0
1
register [1505]
1
0
register [1506]
1
1
register [1507]
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com