Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46867M Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # SLG46867M
Description  GreenPAK Programmable Mixed-Signal Matrix with Dual 44 m/2 A P-FET
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG46867M Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button SLG46867M Datasheet HTML 24Page - Renesas Technology Corp SLG46867M Datasheet HTML 25Page - Renesas Technology Corp SLG46867M Datasheet HTML 26Page - Renesas Technology Corp SLG46867M Datasheet HTML 27Page - Renesas Technology Corp SLG46867M Datasheet HTML 28Page - Renesas Technology Corp SLG46867M Datasheet HTML 29Page - Renesas Technology Corp SLG46867M Datasheet HTML 30Page - Renesas Technology Corp SLG46867M Datasheet HTML 31Page - Renesas Technology Corp SLG46867M Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 209 page
background image
Datasheet
5-Feb-2024
CFR0011-120-00
Revision 3.22
Page 28 of 208
© 2024 Renesas Electronics Corporation
SLG46867
GreenPAK Programmable Mixed-Signal Matrix
with Dual 44 m
/2 A P-FET
3.9 ANALOG TEMPERATURE SENSOR (TS) SPECIFICATIONS
Temperature Sensor typical nonlinearity ±0.69 % for output range 1 and ±0.85 % for output range 2 at VDD = 3.3 V.
Table 17: TS Output vs Temperature (Output Range 1)
T, °C
VDD = 2.5 V
VDD = 3.3 V
VDD = 5.0 V
Typical, mV
Accuracy, %
Typical, mV
Accuracy, %
Typical, mV
Accuracy, %
-40
998
±0.67
997
±0.67
997
±0.70
-30
975
±0.59
974
±0.58
974
±0.58
-20
952
±0.54
952
±0.52
951
±0.52
-10
930
±0.65
929
±0.63
929
±0.62
0
907
±0.69
906
±0.69
906
±0.65
10
884
±0.79
883
±0.77
883
±0.75
20
861
±0.82
860
±0.80
859
±0.78
30
837
±0.93
836
±0.89
836
±0.86
40
813
±0.89
813
±0.85
812
±0.81
50
789
±1.01
789
±0.97
788
±0.92
60
765
±1.13
764
±1.09
764
±1.05
70
741
±1.24
740
±1.21
740
±1.16
80
717
±1.36
716
±1.33
715
±1.29
85
704
±1.48
703
±1.45
703
±1.42
Table 18: TS Output vs Temperature (Output Range 2)
T, °C
VDD = 2.5 V
VDD = 3.3 V
VDD = 5.0 V
Typical, mV
Accuracy, %
Typical, mV
Accuracy, %
Typical, mV
Accuracy, %
-40
1189
±0.70
1188
±0.69
1188
±0.69
-30
1161
±0.58
1161
±0.57
1160
±0.59
-20
1134
±0.62
1133
±0.62
1133
±0.64
-10
1107
±0.69
1106
±0.68
1106
±0.68
0
1079
±0.72
1078
±0.71
1078
±0.71
10
1051
±0.80
1051
±0.79
1050
±0.80
20
1023
±0.87
1022
±0.85
1022
±0.86
30
995
±0.97
994
±0.96
994
±0.95
40
966
±0.91
965
±0.88
965
±0.86
50
937
±1.00
936
±1.01
936
±0.99
60
908
±1.14
907
±1.12
907
±1.10
70
879
±1.24
878
±1.22
878
±1.20
80
849
±1.40
848
±1.38
848
±1.37
85
835
±1.50
834
±1.48
833
±1.45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com