Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCT240 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74HCT240
Description  Octal buffer/line driver; 3-state; inverting
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT240 Datasheet(HTML) 4 Page - NXP Semiconductors

  74HCT240 Datasheet HTML 1Page - NXP Semiconductors 74HCT240 Datasheet HTML 2Page - NXP Semiconductors 74HCT240 Datasheet HTML 3Page - NXP Semiconductors 74HCT240 Datasheet HTML 4Page - NXP Semiconductors 74HCT240 Datasheet HTML 5Page - NXP Semiconductors 74HCT240 Datasheet HTML 6Page - NXP Semiconductors 74HCT240 Datasheet HTML 7Page - NXP Semiconductors 74HCT240 Datasheet HTML 8Page - NXP Semiconductors 74HCT240 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
74HC_HCT240
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 4 — 25 February 2016
4 of 17
NXP Semiconductors
74HC240; 74HCT240
Octal buffer/line driver; 3-state; inverting
6.
Functional description
[1]
H = HIGH voltage level;
L = LOW voltage level;
X = don’t care;
Z = high-impedance OFF-state.
7.
Limiting values
[1]
For SO20 packages: above 70
C, P
tot derates linearly with 8 mW/K.
For SSOP20 and TSSOP20 packages: above 60
C, P
tot derates linearly with 5.5 mW/K.
For DHVQFN20 packages: above 60
C, P
tot derates linearly with 4.5 mW/K.
8.
Recommended operating conditions
Table 3.
Function table[1]
Input
Output
nOE
nAn
nYn
LLH
LH
L
HX
Z
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+7
V
IIK
input clamping current
VI < 0.5 V or VI >VCC +0.5 V
-
20
mA
IOK
output clamping current
VO < 0.5 V or VO >VCC +0.5 V
-
20
mA
IO
output current
0.5 V < V
O < VCC +0.5 V
-
35
mA
ICC
supply current
-
70
mA
IGND
ground current
70
-
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
SO20, SSOP20, TSSOP20 and
DHVQFN20 packages
[1]
-500
mW
Table 5.
Recommended operating conditions
Symbol Parameter
Conditions
74HC240
74HCT240
Unit
Min
Typ
Max
Min
Typ
Max
VCC
supply voltage
2.0
5.0
6.0
4.5
5.0
5.5
V
VI
input voltage
0
-
VCC
0-
VCC
V
VO
output voltage
0
-
VCC
0-
VCC
V
t/V
input transition rise and
fall rate
VCC = 2.0 V
-
-
625
-
-
-
ns/V
VCC = 4.5 V
-
1.67
139
-
1.67
139
ns/V
VCC =6.0 V
-
-
83
-
-
-
ns/V
Tamb
ambient temperature
40
+25
+125
40
+25
+125
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com