Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCT240 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74HCT240
Description  Octal buffer/line driver; 3-state; inverting
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT240 Datasheet(HTML) 5 Page - NXP Semiconductors

  74HCT240 Datasheet HTML 1Page - NXP Semiconductors 74HCT240 Datasheet HTML 2Page - NXP Semiconductors 74HCT240 Datasheet HTML 3Page - NXP Semiconductors 74HCT240 Datasheet HTML 4Page - NXP Semiconductors 74HCT240 Datasheet HTML 5Page - NXP Semiconductors 74HCT240 Datasheet HTML 6Page - NXP Semiconductors 74HCT240 Datasheet HTML 7Page - NXP Semiconductors 74HCT240 Datasheet HTML 8Page - NXP Semiconductors 74HCT240 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
74HC_HCT240
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 4 — 25 February 2016
5 of 17
NXP Semiconductors
74HC240; 74HCT240
Octal buffer/line driver; 3-state; inverting
9.
Static characteristics
Table 6.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ
Max
Min
Max
Min
Max
74HC240
VIH
HIGH-level
input voltage
VCC = 2.0 V
1.5
1.2
-
1.5
-
1.5
-
V
VCC = 4.5 V
3.15
2.4
-
3.15
-
3.15
-
V
VCC = 6.0 V
4.2
3.2
-
4.2
-
4.2
-
V
VIL
LOW-level
input voltage
VCC = 2.0 V
-
0.8
0.5
-
0.5
-
0.5
V
VCC = 4.5 V
-
2.1
1.35
-
1.35
-
1.35
V
VCC = 6.0 V
-
2.8
1.8
-
1.8
-
1.8
V
VOH
HIGH-level
output voltage
VI =VIH or VIL
IO = 20 A; VCC = 2.0 V
1.9
2.0
-
1.9
-
1.9
-
V
IO = 20 A; VCC = 4.5 V
4.4
4.5
-
4.4
-
4.4
-
V
IO = 20 A; VCC = 6.0 V
5.9
6.0
-
5.9
-
5.9
-
V
IO = 6.0 mA; VCC = 4.5 V
3.98 4.32
-
3.84
-
3.7
-
V
IO = 7.8 mA; VCC = 6.0 V
5.48 5.81
-
5.34
-
5.2
-
V
VOL
LOW-level
output voltage
VI =VIH or VIL
IO =20 A; VCC = 2.0 V
-
0
0.1
-
0.1
-
0.1
V
IO =20 A; VCC = 4.5 V
-
0
0.1
-
0.1
-
0.1
V
IO =20 A; VCC = 6.0 V
-
0
0.1
-
0.1
-
0.1
V
IO =6.0 mA; VCC = 4.5 V
-
0.15
0.26
-
0.33
-
0.4
V
IO =7.8 mA; VCC = 6.0 V
-
0.16
0.26
-
0.33
-
0.4
V
II
input leakage
current
VI =VCC or GND;
VCC =6.0 V
--
0.1
-
1.0
-
1.0
A
IOZ
OFF-state
output current
VI =VIH or VIL; VCC =6.0 V;
VO =VCC or GND
--
0.5
-
5.0
-
10
A
ICC
supply current VI =VCC or GND; IO =0A;
VCC =6.0 V
-
-
8.0
-
80
-
160
A
CI
input
capacitance
-3.5
-
-
-
-
-
pF
74HCT240
VIH
HIGH-level
input voltage
VCC = 4.5 V to 5.5 V
2.0
1.6
-
2.0
-
2.0
-
V
VIL
LOW-level
input voltage
VCC = 4.5 V to 5.5 V
-
1.2
0.8
-
0.8
-
0.8
V
VOH
HIGH-level
output voltage
VI =VIH or VIL; VCC =4.5 V
IO = 20 A
4.4
4.5
-
4.4
-
4.4
-
V
IO = 6 mA
3.98 4.32
-
3.84
-
3.7
-
V
VOL
LOW-level
output voltage
VI =VIH or VIL; VCC =4.5 V
IO =20 A
-
0
0.1
-
0.1
-
0.1
V
IO = 6.0 mA
-
0.16
0.26
-
0.33
-
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com