Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCT240D Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HCT240D
Description  Octal buffer/line driver; 3-state; inverting
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT240D Datasheet(HTML) 3 Page - NXP Semiconductors

  74HCT240D Datasheet HTML 1Page - NXP Semiconductors 74HCT240D Datasheet HTML 2Page - NXP Semiconductors 74HCT240D Datasheet HTML 3Page - NXP Semiconductors 74HCT240D Datasheet HTML 4Page - NXP Semiconductors 74HCT240D Datasheet HTML 5Page - NXP Semiconductors 74HCT240D Datasheet HTML 6Page - NXP Semiconductors 74HCT240D Datasheet HTML 7Page - NXP Semiconductors 74HCT240D Datasheet HTML 8Page - NXP Semiconductors 74HCT240D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
74HC_HCT240
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 4 — 25 February 2016
3 of 17
NXP Semiconductors
74HC240; 74HCT240
Octal buffer/line driver; 3-state; inverting
5.
Pinning information
5.1 Pinning
5.2 Pin description
(1) This is not a supply pin. The substrate is attached to this
pad using conductive die attach material. There is no
electrical or mechanical requirement to solder this pad.
However, if it is soldered, the solder land should remain
floating or be connected to GND.
Fig 4.
Pin configuration SO20, (T)SSOP20
Fig 5.
Pin configuration DHVQFN20
Table 2.
Pin description
Symbol
Pin
Description
1OE, 2OE
1, 19
output enable input (active LOW)
1A0, 1A1, 1A2, 1A3
2, 4, 6, 8
data input
2Y0, 2Y1, 2Y2, 2Y3
3, 5, 7, 9
bus output
GND
10
ground (0 V)
2A0, 2A1, 2A2, 2A3
17, 15, 13, 11
data input
1Y0, 1Y1, 1Y2, 1Y3
18, 16, 14, 12
bus output
VCC
20
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com