Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCT240D Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74HCT240D
Description  Octal buffer/line driver; 3-state; inverting
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT240D Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74HCT240D Datasheet HTML 2Page - NXP Semiconductors 74HCT240D Datasheet HTML 3Page - NXP Semiconductors 74HCT240D Datasheet HTML 4Page - NXP Semiconductors 74HCT240D Datasheet HTML 5Page - NXP Semiconductors 74HCT240D Datasheet HTML 6Page - NXP Semiconductors 74HCT240D Datasheet HTML 7Page - NXP Semiconductors 74HCT240D Datasheet HTML 8Page - NXP Semiconductors 74HCT240D Datasheet HTML 9Page - NXP Semiconductors 74HCT240D Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
74HC_HCT240
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 4 — 25 February 2016
6 of 17
NXP Semiconductors
74HC240; 74HCT240
Octal buffer/line driver; 3-state; inverting
10. Dynamic characteristics
II
input leakage
current
VI =VCC or GND;
VCC =5.5 V
--
0.1
-
1.0
-
1.0
A
IOZ
OFF-state
output current
VI =VIH or VIL; VCC =5.5 V;
VO =VCC or GND
--
0.5
-
5.0
-
10
A
ICC
supply current VI =VCC or GND;
VCC =5.5 V; IO =0A
-
-
8.0
-
80
-
160
A
I
CC
additional
supply current
per input pin;
VI =VCC  2.1 V;
other inputs at VCC or GND;
VCC = 4.5 V to 5.5 V;
IO =0A
nAn or inputs
-
150
540
-
675
-
735
A
nOE input
-
70
252
-
315
-
343
A
CI
input
capacitance
-3.5
-
-
-
-
-
pF
Table 6.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ
Max
Min
Max
Min
Max
Table 7.
Dynamic characteristics
GND = 0 V; for test circuit see Figure 8.
Symbol Parameter
Conditions
25
C
40 C to +125 C Unit
Min
Typ
Max
Max
(85
C)
Max
(125
C)
74HC240
tpd
propagation delay
nAn to nYn; see Figure 6
[1]
VCC = 2.0 V
-
30
100
125
150
ns
VCC = 4.5 V
-
11
20
25
30
ns
VCC = 5.0 V; CL =15pF
-
9
-
-
-
ns
VCC = 6.0 V
-
9
17
21
26
ns
ten
enable time
nOE to nYn; see Figure 7
[2]
VCC = 2.0 V
-
39
150
190
225
ns
VCC = 4.5 V
-
14
30
38
45
ns
VCC = 6.0 V
-
11
26
33
38
ns
tdis
disable time
nOE to nYn or see Figure 7
[3]
VCC = 2.0 V
-
41
150
190
225
ns
VCC = 4.5 V
-
15
30
38
45
ns
VCC = 6.0 V
-
12
26
33
38
ns
tt
transition time
see Figure 6
[4]
VCC = 2.0 V
-
14
60
75
90
ns
VCC = 4.5 V
-
5
12
15
18
ns
VCC = 6.0 V
-
4
10
13
15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com