Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC240PW Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74HC240PW
Description  Octal buffer/line driver; 3-state; inverting
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC240PW Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74HC240PW Datasheet HTML 3Page - NXP Semiconductors 74HC240PW Datasheet HTML 4Page - NXP Semiconductors 74HC240PW Datasheet HTML 5Page - NXP Semiconductors 74HC240PW Datasheet HTML 6Page - NXP Semiconductors 74HC240PW Datasheet HTML 7Page - NXP Semiconductors 74HC240PW Datasheet HTML 8Page - NXP Semiconductors 74HC240PW Datasheet HTML 9Page - NXP Semiconductors 74HC240PW Datasheet HTML 10Page - NXP Semiconductors 74HC240PW Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
74HC_HCT240
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 4 — 25 February 2016
7 of 17
NXP Semiconductors
74HC240; 74HCT240
Octal buffer/line driver; 3-state; inverting
[1]
tpd is the same as tPHL and tPLH.
[2]
ten is the same as tPZH and tPZL.
[3]
tdis is the same as tPHZ and tPLZ.
[4]
tt is the same as tTHL and tTLH.
[5]
CPD is used to determine the dynamic power dissipation (PD in W):
PD =CPD  VCC2  fi  N+  (CL  VCC2  fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
 (C
L  VCC
2
 f
o) = sum of outputs.
11. Waveforms
CPD
power dissipation
capacitance
per transceiver;
VI =GND to VCC
[5]
-30-
-
-
pF
74HCT240
tpd
propagation delay
nAn to nYn; see Figure 6
[1]
VCC = 4.5 V
-
11
20
25
30
ns
VCC = 5.0 V; CL =15pF
-
9
-
-
-
ns
ten
enable time
nOE to nYn; VCC =4.5 V;
see Figure 7
[2]
-13
3038
45
ns
tdis
disable time
nOE to nYn; VCC =4.5 V;
see Figure 7
[3]
-13
2531
38
ns
tt
transition time
VCC = 4.5 V; see Figure 6
[4]
-
5
12
15
18
ns
CPD
power dissipation
capacitance
per transceiver;
VI =GND to VCC  1.5 V
[5]
-30-
-
-
pF
Table 7.
Dynamic characteristics …continued
GND = 0 V; for test circuit see Figure 8.
Symbol Parameter
Conditions
25
C
40 C to +125 C Unit
Min
Typ
Max
Max
(85
C)
Max
(125
C)
Measurement points are given in Table 8.
VOL and VOH are typical voltage output drop that occur with the output load.
Fig 6.
Input (nAn) to output (nYn) propagation delays and output transition times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com