Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC240PW Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74HC240PW
Description  Octal buffer/line driver; 3-state; inverting
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC240PW Datasheet(HTML) 1 Page - NXP Semiconductors

  74HC240PW Datasheet HTML 1Page - NXP Semiconductors 74HC240PW Datasheet HTML 2Page - NXP Semiconductors 74HC240PW Datasheet HTML 3Page - NXP Semiconductors 74HC240PW Datasheet HTML 4Page - NXP Semiconductors 74HC240PW Datasheet HTML 5Page - NXP Semiconductors 74HC240PW Datasheet HTML 6Page - NXP Semiconductors 74HC240PW Datasheet HTML 7Page - NXP Semiconductors 74HC240PW Datasheet HTML 8Page - NXP Semiconductors 74HC240PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1.
General description
The 74HC240; 74HCT240 is an 8-bit inverting buffer/line driver with 3-state outputs. The
device can be used as two 4-bit buffers or one 8-bit buffer. The device features two output
enables (1OE and 2OE), each controlling four of the 3-state outputs. A HIGH on nOE
causes the outputs to assume a high-impedance OFF-state. Inputs include clamp diodes.
This enables the use of current limiting resistors to interface inputs to voltages in excess
of VCC.
2.
Features and benefits
 Complies with JEDEC standard JESD7A
 Input levels:
 For 74HC240: CMOS level
 For 74HCT240: TTL level
 Inverting 3-state outputs
 ESD protection:
 HBM JESD22-A114F exceeds 2000 V
 MM JESD22-A115-A exceeds 200 V
 Multiple package options
 Specified from
40 Cto+85 C and from 40 Cto+125 C
3.
Ordering information
74HC240; 74HCT240
Octal buffer/line driver; 3-state; inverting
Rev. 4 — 25 February 2016
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC240D
40 C to +125 C
SO20
plastic small outline package; 20 leads;
body width 7.5 mm
SOT163-1
74HCT240D
74HC240DB
40 C to +125 C
SSOP20
plastic shrink small outline package; 20 leads; body
width 5.3 mm
SOT339-1
74HCT240DB
74HC240PW
40 C to +125 C
TSSOP20
plastic thin shrink small outline package; 20 leads;
body width 4.4 mm
SOT360-1
74HCT240PW
74HC240BQ
40 C to +125 C
DHVQFN20
plastic dual-in-line compatible thermal enhanced very
thin quad flat package; no leads; 20 terminals; body
2.5
 4.5  0.85 mm
SOT764-1
74HCT240BQ


Similar Part No. - 74HC240PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC240PW NXP-74HC240PW Datasheet
112Kb / 18P
Octal buffer/line driver; 3-state; inverting
Rev. 03-2 August 2007
logo
Nexperia B.V. All right...
74HC240PW NEXPERIA-74HC240PW Datasheet
261Kb / 14P
Octal buffer/line driver; 3-state; inverting
Rev. 6 - 2 September 2021
logo
SYC Electronica
74HC240PW SYC-74HC240PW Datasheet
169Kb / 18P
Octal buffer/line driver; 3-state; inverting
August 2007
logo
Nexperia B.V. All right...
74HC240PW-Q100 NEXPERIA-74HC240PW-Q100 Datasheet
256Kb / 14P
Octal buffer/line driver; 3-state; inverting
Rev. 2 - 15 July 2020
More results

Similar Description - 74HC240PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC540 PHILIPS-74HC540 Datasheet
51Kb / 7P
Octal buffer/line driver; 3-state; inverting
December 1990
74LV240 PHILIPS-74LV240 Datasheet
115Kb / 12P
Octal buffer/line driver; inverting 3-State
1998 May 20
74AHC240 NXP-74AHC240 Datasheet
478Kb / 16P
Octal buffer/line driver; inverting; 3-state
Rev. 2-26 November 2010
74HC540D-T NXP-74HC540D-T Datasheet
50Kb / 7P
Octal buffer/line driver; 3-state inverting
December 1990
logo
Nexperia B.V. All right...
74AHCT240-Q100 NEXPERIA-74AHCT240-Q100 Datasheet
805Kb / 15P
Octal buffer/line driver; inverting 3-state
74HC540-Q100 NEXPERIA-74HC540-Q100 Datasheet
797Kb / 16P
Octal buffer/line driver; 3-state; inverting
74HC240-Q100 NEXPERIA-74HC240-Q100 Datasheet
256Kb / 14P
Octal buffer/line driver; 3-state; inverting
Rev. 2 - 15 July 2020
74HC540 NEXPERIA-74HC540 Datasheet
268Kb / 15P
Octal buffer/line driver; 3-state; inverting
Rev. 6 - 19 October 2021
74LV540A NEXPERIA-74LV540A Datasheet
740Kb / 14P
Octal buffer/line driver; 3-state; inverting
Rev. 1 - 24 November 2016
74AHCT240 NEXPERIA-74AHCT240 Datasheet
238Kb / 13P
Octal buffer/line driver; inverting; 3-state
Rev. 6 - 29 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com