Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-STATION Datasheet(PDF) 1 Page - Coherent Corp

Part # USB-STATION
Description  USB Station
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

USB-STATION Datasheet(HTML) 1 Page - Coherent Corp

  USB-STATION Datasheet HTML 1Page - Coherent Corp USB-STATION Datasheet HTML 2Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USB Station
Cost-effective USB Printer Server with USB Disk Sharing and FTP Access for Home and
Small Workgroup
SHARE IN JUST A FEW CLICKS
Sharing external USB disk and USB printer at the same time is easier than ever. Only with a few steps of setup,
you are ready to share up to 1 USB disk or 2 USB printers over the network.
FLEXIBLE AND SAFE FTP ACCESS
FTP support allows users to access files over Internet. The share-level protection allows you to share files safely.
The protected folders requires user login before they can be accessed. You can further change FTP port number
manually, restrict FTP upload and download bandwidth, and allow anonymous user login.
SHARE FILES BETWEEN WINDOWS AND MAC
The capability to share a USB disk and USB printer among Windows users and Mac users highly increases the
work efficiency in a platform-mixed environment. The Large File Printing support is especially useful for Mac
users who usually generate large graphical files.
ADD PRINTER EASIER
The Add Printer Wizard simplifies the printer setup process which usually takes complicated steps or requires
professional help in most printer server products on the market. A variety of printers have been verified to be
compatible with USB Station.
EASY DESKTOP BACKUP
The external USB disk attached to USB Station can act as a backup target. Synology Data Replicator II lets the PC
users easily manage backup tasks. The automatic backup mechanism will monitor the user-selected files and do
the backup upon file change.
Key Features
● External USB Drive Sharing
● USB Printers Sharing
● Flexible and Dependable FTP Access
● Large File Printing
● Share-Level Protection
● Desktop Backup Application
Data Sheet
USB Station


Similar Part No. - USB-STATION

ManufacturerPart #DatasheetDescription
logo
Coherent Corp
USB-STATION-2 COHERENT-USB-STATION-2 Datasheet
851Kb / 2P
Synology USB Station 2
More results

Similar Description - USB-STATION

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U280-004 TRIPPLITE-U280-004 Datasheet
495Kb / 2P
4-Port USB Charging Station, 5V 6A/30W USB Charger Output
U280-004-WS3C1 TRIPPLITE-U280-004-WS3C1 Datasheet
171Kb / 3P
4-Port USB Charging Station with USB-C Charging and USB-A Auto-Sensing Ports
U280-010 TRIPPLITE-U280-010 Datasheet
182Kb / 3P
10-Port USB Charging Station - 5V 21A / 105W USB Charger Output
logo
IOGEAR
GUD300 IOGEAR-GUD300 Datasheet
148Kb / 2P
USB 3.0 Universal Docking Station with Power Adapter
GMPC10K IOGEAR-GMPC10K Datasheet
142Kb / 2P
GearPower USB-C 10,000mAh Mobile Power Station
logo
Pepperl+Fuchs Inc.
CBL-IDMX61-B-J1-U-C38-N0 PF-CBL-IDMX61-B-J1-U-C38-N0 Datasheet
338Kb / 1P
USB connection cable for base station
CBL-IDMX61-B-J1-U-S18-N0 PF-CBL-IDMX61-B-J1-U-S18-N0 Datasheet
338Kb / 1P
USB connection cable for base station
CBL-IDMX61-B-N0-U-C38-N0 PF-CBL-IDMX61-B-N0-U-C38-N0 Datasheet
373Kb / 1P
USB connection cable for base station
CBL-IDMX61-B-N0-U-S18-N0 PF-CBL-IDMX61-B-N0-U-S18-N0 Datasheet
373Kb / 1P
USB connection cable for base station
logo
Coolgear Inc.
SSX-35SB COOLGEAR-SSX-35SB Datasheet
341Kb / 2P
SATA Docking Station with USB 2.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com