Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-STATION Datasheet(PDF) 2 Page - Coherent Corp

Part # USB-STATION
Description  USB Station
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

USB-STATION Datasheet(HTML) 2 Page - Coherent Corp

  USB-STATION Datasheet HTML 1Page - Coherent Corp USB-STATION Datasheet HTML 2Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
USB Station
External USB Disk
Wireless
Router
Mac
USB 2.0
LAN
AC Input
LED
RESET
PC
USB Printer
Data Sheet
USB Station
SYNOLOGY INC.
Founded in 2000, Synology is a young and energetic company
dedicated to developing high-performance, reliable, versatile,
and environmentally-friendly Network Attached Storage (NAS)
products. Our goal is to deliver user-friendly solutions and solid
customer service to satisfy the needs of businesses, home offices,
individual users and families.
Copyright © 2010, Synology Inc. All rights reserved. Synology,
the Synology logo are trademarks or registered trademarks of
Synology Inc. Other product and company names mentioned
herein may be trademarks of their respective companies.
Synology may make changes to specification and product
descriptions at anytime, without notice.
Printed in Taiwan,
USBStation-2010-ENU-REV001
http://www.synology.com
Headquarters
Synology Inc.
3F-3, No. 106, Chang An W. Rd., Taipei, Taiwan
Tel: +886 2 2552 1814 Fax: +886 2 2552 1824
North & South America
Synology America Corp.
2899 152nd Ave NE, Redmond, WA 98052. USA
Tel: +1 425 818 1587
Synology UK Ltd.
Davy Avenue, Knowlhill,
Milton Keynes, Bucks,
MK5 8PB, UK
Tel: +44 01908 673 709
CONNECTIONS & BUTTONS
Technical Specifications
Hardware
• External HDD Interface: USB 2.0 port X 1
• Max Capacity (External HDD): 1 TB
• USB 2.0 Port: X 2
• Size (mm): 122 X 111 X 46
• Weight: 147g
• LAN: 10/100 Mbps X1
• AC Input Power Voltage: 5V
• DC Output Power Voltage: 5V
• Operating Temperature: 50° to 90 ° F (10 ° to 35 ° C)
• Storage Temperature: -40° to 185° F (-10° to 70° C)
• Maximum Operating Altitude: 10,000 feet
Certification
• FCC
• CE
• BSMI
Networking
• CIFS, FTP
File System
• EXT3
• FAT (for External Disk only)
Backup Solution
• PC Backup (DR II)
Management
• Web-based Management
• Firmware Upgrade
• FTP Bandwidth Control
• Languages: English, German, French, Italian, Spanish, Korean,
Traditional Chinese, Simplified Chinese
Printer Support*
• LPR, CIFS, IPP
Supported Clients
• Windows 98 onward
• Mac OS 9 (Printer Only)
• Mac OSX (Printer & Disk Sharing)
Package Content
• USB Station Main Unit
• Installation CD
• Quick Installation Guide
• Assembling Kit
• AC Power Cord
• 2M RJ-45 LAN Cables
_____
* For Mac users, USB Station supports PostScript USB printers only.
Networking



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com