Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P0080SC Datasheet(PDF) 7 Page - YAGEO Corporation

Part # P0080SC
Description  Thyristor Surge Suppressors (TSS)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

P0080SC Datasheet(HTML) 7 Page - YAGEO Corporation

  P0080SC Datasheet HTML 1Page - YAGEO Corporation P0080SC Datasheet HTML 2Page - YAGEO Corporation P0080SC Datasheet HTML 3Page - YAGEO Corporation P0080SC Datasheet HTML 4Page - YAGEO Corporation P0080SC Datasheet HTML 5Page - YAGEO Corporation P0080SC Datasheet HTML 6Page - YAGEO Corporation P0080SC Datasheet HTML 7Page - YAGEO Corporation P0080SC Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Product Specification
PXXXXSX
THYRISTOR SURGE SUPPRESSORS
Circuit Protection
www.yageo.com
Mar. 18, 2021 V.4
Dimensions (SMB/DO-214AA)
D1 D
L
T
d
T1
H
Symbol
Millimeters
Inches
Min.
Max.
Min.
Max.
L
4.06
4.70
0.160
0.185
D
3.30
3.94
0.130
0.155
D1
1.90
2.20
0.075
0.086
T
5.21
5.59
0.205
0.220
T1
0.76
1.52
0.030
0.060
d
-
0.203
-
0.008
H
1.95
2.65
0.077
0.104
Packaging
Tape
P0
P1
P2
D0
E
F
W
T
B0
K0
D1
B
B
SECTION B-B
A
A
A0
SECTION A-A
Symbol
Dimension (mm)
W
12.00±0.30
P0
4.00±0.10
P1
8.00±0.10
P2
2.00±0.10
D0
Φ1.55±0.05
D1
Φ1.55±0.05
E
1.75±0.10
F
5.50±0.10
A0
3.76±0.10
B0
5.69±0.10
K0
2.70±0.10
T
0.25±0.10
13〃Reel
D2
Φ330.0±2.0
D3
Φ13.5±0.5
H
2.5±0.5
W1
16.0±1.0
Quantity: 3000PCS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com