Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P0080SC Datasheet(PDF) 4 Page - YAGEO Corporation

Part # P0080SC
Description  Thyristor Surge Suppressors (TSS)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

P0080SC Datasheet(HTML) 4 Page - YAGEO Corporation

  P0080SC Datasheet HTML 1Page - YAGEO Corporation P0080SC Datasheet HTML 2Page - YAGEO Corporation P0080SC Datasheet HTML 3Page - YAGEO Corporation P0080SC Datasheet HTML 4Page - YAGEO Corporation P0080SC Datasheet HTML 5Page - YAGEO Corporation P0080SC Datasheet HTML 6Page - YAGEO Corporation P0080SC Datasheet HTML 7Page - YAGEO Corporation P0080SC Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Product Specification
PXXXXSX
THYRISTOR SURGE SUPPRESSORS
Circuit Protection
www.yageo.com
Mar. 18, 2021 V.4
Part
Number
VDRM
(V)
VS
(V)
VT
(V)
IDRM
(μA)
IS
(mA)
IT
(A)
IH
(mA)
CO
(pF)
Marking
P2300SB
190
260
4
5
800
2.2
150
55
P23B
P2300SC
190
260
4
5
800
2.2
150
80
P23C
P2600SA
220
300
4
5
800
2.2
150
35
P26A
P2600SB
220
300
4
5
800
2.2
150
50
P26B
P2600SC
220
300
4
5
800
2.2
150
80
P26C
P3100SA
275
350
4
5
800
2.2
150
30
P31A
P3100SB
275
350
4
5
800
2.2
150
45
P31B
P3100SC
275
350
4
5
800
2.2
150
65
P31C
P3500SA
320
400
4
5
800
2.2
150
30
P35A
P3500SB
320
400
4
5
800
2.2
150
40
P35B
P3500SC
320
400
4
5
800
2.2
150
65
P35C
Notes:
·All measurements are made at an ambient temperature of 25℃. IPP applies to -40℃ through +85℃ temperature range.
·Off-state capacitance(CO) is measured at 1 MHz with a 2V bias and is typical value.
·For surge ratings, see table below.
Surge Ratings
Series
IPP
2×10μs
(A)
IPP
8×2
0μs
(A)
IPP
10×16
0μs
(A)
IPP
10×56
0μs
(A)
IPP
10×1000
μs
(A)
VPP
10×700
μs
(V)
ITSM
60Hz
(A)
di/dt
(A/
μs)
A
150
150
90
50
45
2000
20
500
B
250
250
150
100
80
4000
30
500
C
500
400
200
150
100
6000
50
500
Thermal Considerations
Package DO-214AA/SMB
Symbol
Parameter
Value
Unit
TJ
Operating Junction Temperature
-40 to +125
℃
TS
Storage Temperature Range
-40 to +150
℃
RθJA
Junction to Ambient on printed circuit
90
℃/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com