Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1000-RWP2 Datasheet(PDF) 22 Page - Texas Instruments

Part # CC1000-RWP2
Description  Single Chip Very Low Power RF Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1000-RWP2 Datasheet(HTML) 22 Page - Texas Instruments

Back Button CC1000-RWP2 Datasheet HTML 18Page - Texas Instruments CC1000-RWP2 Datasheet HTML 19Page - Texas Instruments CC1000-RWP2 Datasheet HTML 20Page - Texas Instruments CC1000-RWP2 Datasheet HTML 21Page - Texas Instruments CC1000-RWP2 Datasheet HTML 22Page - Texas Instruments CC1000-RWP2 Datasheet HTML 23Page - Texas Instruments CC1000-RWP2 Datasheet HTML 24Page - Texas Instruments CC1000-RWP2 Datasheet HTML 25Page - Texas Instruments CC1000-RWP2 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 59 page
background image
CC1000
SWRS048A
Page 22 of 55
13. Receiver sensitivity versus data rate and frequency separation
The receiver sensitivity depends on the
data rate, the data format, FSK frequency
separation and the RF frequency. Typical
figures for the receiver sensitivity (BER =
10
-3) are shown in Table 6 for 64 kHz
frequency separations and Table 7 for 20
kHz
separations.
Optimised
sensitivity
configurations
are
used.
For
best
performance
the
frequency
separation
should be as high as possible especially at
high data rates. Table 8 shows the
sensitivity for low current settings. See
page 28 for how to program different
current consumption.
433 MHz
868 MHz
Data rate
[kBaud]
Separation
[kHz]
NRZ
mode
Manchester
mode
UART
mode
NRZ
mode
Manchester
mode
UART
mode
0.6
64
-113
-114
-113
-110
-111
-110
1.2
64
-111
-112
-111
-108
-109
-108
2.4
64
-109
-110
-109
-106
-107
-106
4.8
64
-107
-108
-107
-104
-105
-104
9.6
64
-105
-106
-105
-102
-103
-102
19.2
64
-103
-104
-103
-100
-101
-100
38.4
64
-102
-103
-102
-98
-99
-98
76.8
64
-100
-101
-100
-97
-98
-97
Average current
consumption
9.3 mA
11.8 mA
Table 6. Receiver sensitivity as a function of data rate at 433 and 868 MHz, BER = 10
-3,
frequency separation 64 kHz, normal current settings
433 MHz
868 MHz
Data rate
[kBaud]
Separation
[kHz]
NRZ
mode
Manchester
mode
UART
mode
NRZ
mode
Manchester
mode
UART
mode
0.6
20
-109
-111
-109
-106
-108
-106
1.2
20
-108
-110
-108
-104
-106
-104
2.4
20
-106
-108
-106
-103
-105
-103
4.8
20
-104
-106
-104
-101
-103
-101
9.6
20
-103
-104
-103
-100
-101
-100
19.2
20
-102
-103
-102
-99
-100
-99
38.4
20
-98
-100
-98
-98
-99
-98
76.8
20
-94
-98
-94
-94
-96
-94
Average current
consumption
9.3 mA
11.8 mA
Table 7. Receiver sensitivity as a function of data rate at 433 and 868 MHz, BER = 10
-3,
frequency separation 20 kHz, normal current settings
433 MHz
868 MHz
Data rate
[kBaud]
Separation
[kHz]
NRZ
mode
Manchester
mode
UART
mode
NRZ
mode
Manchester
mode
UART
mode
0.6
64
-111
-113
-111
-107
-109
-107
1.2
64
-110
-111
-110
-106
-107
-106
2.4
64
-108
-109
-108
-104
-105
-104
4.8
64
-106
-107
-106
-102
-103
-102
9.6
64
-104
-105
-104
-100
-101
-100
19.2
64
-102
-103
-102
-98
-99
-98
38.4
64
-101
-102
-101
-96
-97
-96
76.8
64
-99
-100
-99
-95
-96
-95
Average current
consumption
7.4 mA
9.6 mA
Table 8. Receiver sensitivity as a function of data rate at 433 and 868 MHz, BER = 10
-3,
frequency separation 64 kHz , low current settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com