Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1000-RWP2 Datasheet(PDF) 52 Page - Texas Instruments

Part # CC1000-RWP2
Description  Single Chip Very Low Power RF Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1000-RWP2 Datasheet(HTML) 52 Page - Texas Instruments

Back Button CC1000-RWP2 Datasheet HTML 48Page - Texas Instruments CC1000-RWP2 Datasheet HTML 49Page - Texas Instruments CC1000-RWP2 Datasheet HTML 50Page - Texas Instruments CC1000-RWP2 Datasheet HTML 51Page - Texas Instruments CC1000-RWP2 Datasheet HTML 52Page - Texas Instruments CC1000-RWP2 Datasheet HTML 53Page - Texas Instruments CC1000-RWP2 Datasheet HTML 54Page - Texas Instruments CC1000-RWP2 Datasheet HTML 55Page - Texas Instruments CC1000-RWP2 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 59 page
background image
CC1000
SWRS048A
Page 52 of 55
35. Ordering Information
Chipcon Part
Number*
TI Part Number
Description
Minimum Order
Quantity (MOQ)
CC1000-RTB1
CC1000PW
Single Chip RF Transceiver. CC1000,
TSSOP 28 package, RoHS compliant Pb-
free assembly in tubes with 50 pcs per tube.
250 (5 tubes of 50
units per tube)
CC1000-RTR1
CC1000PWR
Single Chip RF Transceiver. CC1000,
TSSOP 28 package, RoHS compliant Pb-
free assembly, T&R with 2500 pcs per reel.
2500 (tape and
reel)
CC1000-RWP2
CC1000YZ
Single Chip RF Transceiver. CC1000,
UltraCSP™ package, RoHS compliant Pb-
free assembly with 117 pcs per waffle pack.
585 (5 waffle
packs with 117
pcs per waffle
pack)
CC1000-RTR2
CC1000YZR
Single Chip RF Transceiver. CC1000,
UltraCSP™ package, RoHS compliant Pb-
free assembly, T&R with 2500 pcs per reel.
2500 (tape and
reel)
CC1000DK-433
CC1000DK-433
CC1000 Development Kit, 433 MHz
1
CC1000DK-868-915
CC1000DK-868-915
CC1000 Development Kit, 868/915 MHz
1
CC1000PPK-433
CC1000PPK-433
CC1000 Plug & Play Kit, 433 MHz
1
CC1000PPK-868
CC1000PPK-868
CC1000 Plug & Play Kit, 868/915 MHz
1
* Chipcon part numbers are obsolete, but included for reference. Use the TI part numbers when ordering parts.
36. General Information
36.1 Document Revision History
Revision
Date
Description/Changes
SWRS048A
January 2007
Reflow soldering temperature according to IPC/JEDEC J-STD-020C.
Max reflow temperature for CC1000 UltraCSP™ updated to 255 °C.
Added waffle pack specification.
Updated ordering information with TI part numbers.
Updated address information.
Updated header and footer.
Updated Important Notice.
Removed Chipcon specific Disclaimer, Trademarks and Life Support Policy
sections.
SWRS048
(2.3)
August 2005
UltraCSP™ package included
Minor corrections and editorial changes
2.2
April 2004
Shaping feature removed
Application circuit simplified
Additional information added for the demodulator
Additional information added for frequency calculation
Additional information added for calibration
Additional information added for crystal oscillator
Preliminary version removed
Narrow band information removed
REFDIV different in RX and TX
Minor corrections and editorial changes
36.2 Product Status Definitions
Data Sheet Identification
Product Status
Definition
Advance Information
Planned or Under
Development
This data sheet contains the design specifications for
product development. Specifications may change in
any manner without notice.
Preliminary
Engineering Samples
and First Production
This data sheet contains preliminary data, and
supplementary data will be published at a later date.
Chipcon reserves the right to make changes at any
time without notice in order to improve design and
supply the best possible product.
No Identification Noted
Full Production
This data sheet contains the final specifications.
Chipcon reserves the right to make changes at any
time without notice in order to improve design and
supply the best possible product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com