Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1070-RTY1 Datasheet(PDF) 31 Page - Texas Instruments

Part # CC1070-RTY1
Description  Single Chip Low Power RF Transmitter for Narrowband Systems
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1070-RTY1 Datasheet(HTML) 31 Page - Texas Instruments

Back Button CC1070-RTY1 Datasheet HTML 27Page - Texas Instruments CC1070-RTY1 Datasheet HTML 28Page - Texas Instruments CC1070-RTY1 Datasheet HTML 29Page - Texas Instruments CC1070-RTY1 Datasheet HTML 30Page - Texas Instruments CC1070-RTY1 Datasheet HTML 31Page - Texas Instruments CC1070-RTY1 Datasheet HTML 32Page - Texas Instruments CC1070-RTY1 Datasheet HTML 33Page - Texas Instruments CC1070-RTY1 Datasheet HTML 34Page - Texas Instruments CC1070-RTY1 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 57 page
background image
CC1070
SWRS043A
Page 31 of 54
End of calibration
Read STATUS register and wait until
CAL_COMPLETE=1
Start calibration
Write MAIN register = 91h or D1h:
F_REG=0 (or 1), PD_MODE=1,
FS_PD=0, CORE_PD=0, BIAS_PD=0,
RESET_N=1
Write FREQ_A, FREQ_B, VCO,
CLOCK_A and CLOCK_B registers.
PLL_BW = 146 + 16log
2(fref/7.126)
Write CALIBRATE register = BCh
Start calibration
Calibrate TX frequency register A
(MAIN = 91h) or B (MAIN = D1h)
Register CALIBRATE = 3Ch
f
ref is the reference frequency (in
MHz)
Read STATUS register and wait until
LOCK_CONTINUOUS=1
Wait for T ≥ 100 us
Yes
Calibration OK?
No
End of calibration
End of calibration
Read STATUS register and wait until
CAL_COMPLETE=1
Start calibration
Start calibration
Write MAIN register = 91h or D1h:
F_REG=0 (or 1), PD_MODE=1,
FS_PD=0, CORE_PD=0, BIAS_PD=0,
RESET_N=1
Write FREQ_A, FREQ_B, VCO,
CLOCK_A and CLOCK_B registers.
PLL_BW = 146 + 16log
2(fref/7.126)
Write CALIBRATE register = BCh
Start calibration
Calibrate TX frequency register A
(MAIN = 91h) or B (MAIN = D1h)
Register CALIBRATE = 3Ch
f
ref is the reference frequency (in
MHz)
Read STATUS register and wait until
LOCK_CONTINUOUS=1
Wait for T ≥ 100 us
Yes
Calibration OK?
No
Figure 17. Calibration algorithm
14.3 PLL Turn-on Time versus Loop Filter Bandwidth
If calibration has been performed the PLL
turn-on time is the time needed for the
PLL to lock to the desired frequency when
going from power down mode (with the
crystal oscillator running) to TX mode. The
PLL turn-on time depends on the PLL loop
filter bandwidth. Table 19 gives the PLL
turn-on time for different PLL loop filter
bandwidths.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com