Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1070-RTY1 Datasheet(PDF) 54 Page - Texas Instruments

Part # CC1070-RTY1
Description  Single Chip Low Power RF Transmitter for Narrowband Systems
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1070-RTY1 Datasheet(HTML) 54 Page - Texas Instruments

Back Button CC1070-RTY1 Datasheet HTML 49Page - Texas Instruments CC1070-RTY1 Datasheet HTML 50Page - Texas Instruments CC1070-RTY1 Datasheet HTML 51Page - Texas Instruments CC1070-RTY1 Datasheet HTML 52Page - Texas Instruments CC1070-RTY1 Datasheet HTML 53Page - Texas Instruments CC1070-RTY1 Datasheet HTML 54Page - Texas Instruments CC1070-RTY1 Datasheet HTML 55Page - Texas Instruments CC1070-RTY1 Datasheet HTML 56Page - Texas Instruments CC1070-RTY1 Datasheet HTML 57Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 54 / 57 page
background image
CC1070
SWRS043A
Page 54 of 54
27 General Information
Document Revision History
Revision
Date
Description/Changes
1.0
2003-10-30
Initial release.
1.1
2005-02-09
The various sections have been reorganized to improve readability
Added chapter numbering
Reorganized electrical specification section
Electrical specifications updated
Changed “channel width” to “channel spacing”
Changes to current consumption figures in TX mode and crystal
oscillator, bias and synthesizer mode
Included data on PA_EN pin drive
Included data on PLL lock time
Included data on PLL turn-on time
Updates to section on output power programming
Updates to section on output matching
Updates to section on VCO and PLL self-calibration
Updates to section on VCO, charge pump and PLL loop filter
New bill of materials for operation at 433 MHz and 868/915 MHz
Added recommended PCB footprint for package (QFN 20)
Added list of abbreviations
Changes to ordering information
1.2
2005-10-20
Calibration routine flow chart changed
Added chapter on TX data latency
1.3
SWRS043
2006-02-01
Updates to Ordering Information and Address Information.
The lowest supply voltage has been changed from 2.1 V to 2.3 V
SWRS043A
2010-01-06
Removed logo from header
Changed numbering on capacitors connected to XOSC_Q1 and
XOSC_Q2 in figure 3 and figure 20 to reflect the reference design.
Changes to chapter on Package Description
Changes to chapter on Package Marking
Removed chapter on Package Thermal Properties
Changes to Ordering Information
Removed chapter on Product Status Definition
Tape and Reel Information on new package (RGW) added
Removed chapter on Address Information
Added ESD results



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com