Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74ACT373 Datasheet(PDF) 1 Page - Texas Instruments

Part # CD74ACT373
Description  CDx4AC373, CDx4ACT373 Octal Transparent Latch, 3-State
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74ACT373 Datasheet(HTML) 1 Page - Texas Instruments

  CD74ACT373 Datasheet HTML 1Page - Texas Instruments CD74ACT373 Datasheet HTML 2Page - Texas Instruments CD74ACT373 Datasheet HTML 3Page - Texas Instruments CD74ACT373 Datasheet HTML 4Page - Texas Instruments CD74ACT373 Datasheet HTML 5Page - Texas Instruments CD74ACT373 Datasheet HTML 6Page - Texas Instruments CD74ACT373 Datasheet HTML 7Page - Texas Instruments CD74ACT373 Datasheet HTML 8Page - Texas Instruments CD74ACT373 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
CDx4AC373, CDx4ACT373 Octal Transparent Latch, 3-State
1 Features
• SCR-Latchup-resistant CMOS process and circuit
design
• Speed of bipolar FAST*/AS/S with significantly
reduced power consumption
• Balanced propagation delays
• AC types feature 1.5V to 5.5V operation and
balanced noise immunity at 30% of the supply
• ±24mA output drive current
– Fanout to 15 FAST* ICs
– qDrives 50ohm transmission lines
2 Description
The RCA-CDx4AC373 and the CDx4ACT373 octal
transparent 3-state latches use the RCA Advanced
CMOS technology.
Device Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
BODY SIZE(3)
CDx4AC/ACT373
DW (SOIC, 20)
12.80mm × 10.3mm
12.80mm × 7.50mm
N (PDIP, 20)
24.33mm × 9.4mm
24.33mm × 6.35mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
(3)
The body size (length × width) is a nominal value and does
not include pins.
Logic Diagram (Positive Logic)
*FAST is a Registered Trademark of Fairchild Semiconductor Corp.
CD54AC373, CD74AC373, CD54ACT373, CD74ACT373
SCHS289A – DECEMBER 1998 – REVISED MAY 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - CD74ACT373

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74ACT373 TI-CD74ACT373 Datasheet
233Kb / 8P
OCTAL TRANSPARENT LATCH, 3-STATE
CD74ACT373E TI1-CD74ACT373E Datasheet
1Mb / 17P
Octal Transparent Latch
CD74ACT373EE4 TI1-CD74ACT373EE4 Datasheet
1Mb / 17P
Octal Transparent Latch
CD74ACT373M TI1-CD74ACT373M Datasheet
1Mb / 17P
OCTAL TRANSPARENT LATCH, 3-STATE
CD74ACT373M TI1-CD74ACT373M Datasheet
1Mb / 17P
Octal Transparent Latch
More results

Similar Description - CD74ACT373

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT373A PHILIPS-74ABT373A Datasheet
50Kb / 11P
Octal transparent latch 3-State
1995 Feb 17
74F373 PHILIPS-74F373 Datasheet
93Kb / 12P
Octal transparent latch 3-State
1994 Dec 05
74F573 PHILIPS-74F573 Datasheet
107Kb / 14P
Octal transparent latch 3-State
1989 Oct 16
logo
Texas Instruments
CD54-74AC373 TI-CD54-74AC373 Datasheet
233Kb / 8P
OCTAL TRANSPARENT LATCH, 3-STATE
CD54-74AC563 TI-CD54-74AC563 Datasheet
240Kb / 8P
OCTAL TRANSPARENT LATCH, 3-STATE
logo
Integral Corp.
IN74AC573 INTEGRAL-IN74AC573 Datasheet
218Kb / 5P
Octal 3-State Noninverting Transparent Latch
logo
KODENSHI_AUK CORP.
KK74HCT373A KODENSHI-KK74HCT373A Datasheet
255Kb / 6P
Octal 3-State Noninverting Transparent Latch
logo
IK Semicon Co., Ltd
IN74HCT373A IKSEMICON-IN74HCT373A Datasheet
243Kb / 6P
Octal 3-State Noninverting Transparent Latch
logo
Texas Instruments
CD74ACT373M TI1-CD74ACT373M Datasheet
1Mb / 17P
OCTAL TRANSPARENT LATCH, 3-STATE
CD54AC563 TI1-CD54AC563_16 Datasheet
1Mb / 17P
Octal transparent Latch, 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com