Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74ACT574 Datasheet(PDF) 4 Page - Texas Instruments

Part # CD74ACT574
Description  CDx4AC574, CDx4ACT574 Octal D-Type Flip-Flop, 3-State Positive-Edge-Triggered
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74ACT574 Datasheet(HTML) 4 Page - Texas Instruments

  CD74ACT574 Datasheet HTML 1Page - Texas Instruments CD74ACT574 Datasheet HTML 2Page - Texas Instruments CD74ACT574 Datasheet HTML 3Page - Texas Instruments CD74ACT574 Datasheet HTML 4Page - Texas Instruments CD74ACT574 Datasheet HTML 5Page - Texas Instruments CD74ACT574 Datasheet HTML 6Page - Texas Instruments CD74ACT574 Datasheet HTML 7Page - Texas Instruments CD74ACT574 Datasheet HTML 8Page - Texas Instruments CD74ACT574 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4 Specifications
4.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VCC
Supply-voltage
-0.5
6
V
IIK
Input diode current
(VI < -0.5 V or VI >
VCC + 0.5 V)
±20
mA
IOk
Output diode current
(Vo < -0.5 V or Vo >
VCC + 0.5 V)
±50
mA
IO
Output source or sink current per output pin
(VO > -0.5 V or VO <
VCC ± 0.5 V)
±50
mA
VCC or ground current (ICC or IGND)
±100
mA(2)
Tstg
Storage temperature
-65
+150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
For up to 4 outputs per device; add ± 25 mA for each additional output.
4.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
4.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)(1)
CHARACTERISTIC
MIN
MAX
UNIT
VCC (2)
Supply-voltage range: (For TA = full package-temperature range)
AC types
1.5
5.5
V
ACT types
4.5
5.5
V
VI, VO
Input or output voltage
0
VCC
V
TA
Operating temperature
-55
+ 125
°C
dt/dv
Input rise and fall slew rate
at 1.5 V to 3 V (AC types)
0
50
ns/V
at 3.6 V to 5.5 V (AC types)
0
20
ns/V
at 4.5 V to 5.5 V (ACT types)
0
10
ns/V
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application
report: Implications of Slow or FLoating CMOS Inputs.
(2)
Unless otherwise specified, all voltages are referenced to ground.
4.4 Thermal Information
THERMAL METRIC(1)
CDx4AC/ACT574
UNIT
DW (SOIC)
N (PDIP)
20 PINS
20 PINS
RθJA
Junction-to-ambient thermal resistance
101.2
50
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
CD54AC574, CD74AC574, CD54ACT574, CD74ACT574
SCHS292A – DECEMBER 1998 – REVISED MAY 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CD54AC574 CD74AC574 CD54ACT574 CD74ACT574



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com