Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74ACT574 Datasheet(PDF) 1 Page - Texas Instruments

Part # CD74ACT574
Description  CDx4AC574, CDx4ACT574 Octal D-Type Flip-Flop, 3-State Positive-Edge-Triggered
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74ACT574 Datasheet(HTML) 1 Page - Texas Instruments

  CD74ACT574 Datasheet HTML 1Page - Texas Instruments CD74ACT574 Datasheet HTML 2Page - Texas Instruments CD74ACT574 Datasheet HTML 3Page - Texas Instruments CD74ACT574 Datasheet HTML 4Page - Texas Instruments CD74ACT574 Datasheet HTML 5Page - Texas Instruments CD74ACT574 Datasheet HTML 6Page - Texas Instruments CD74ACT574 Datasheet HTML 7Page - Texas Instruments CD74ACT574 Datasheet HTML 8Page - Texas Instruments CD74ACT574 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
CDx4AC574, CDx4ACT574 Octal D-Type Flip-Flop, 3-State Positive-Edge-Triggered
1 Features
• SCR-latchup-resistant CMOS process and circuit
design
• Speed of bipolar FAST*/AS/S with significantly
reduced power consumption
• Balanced propagation delays
• AC types feature 1.5V to 5.5V operation and
balanced noise immunity at 30% of the supply
• ± 24mA output drive current
– Fanout to 15 FAST* ICs
– Drives 50ohm transmission lines
2 Description
The CDx4AC574 and the CDx4ACT574 octal D-type,
3-state, positive-edge-triggered flip-flops use the RCA
ADVANCED CMOS technology.
Device Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
BODY SIZE(3)
CDx4AC/ACT574
DW (SOIC, 20)
12.80mm × 10.3mm 12.80mm × 7.50mm
N (PDIP, 20)
24.33mm × 9.4mm
24.33mm × 6.35mm
(1)
For all available packages, see Section 10.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
(3)
The body size (length × width) is a nominal value and does
not include pins.
Functional Block Diagram
*FAST is a Registered Trademark of Fairchild Semiconductor Corp.
CD54AC574, CD74AC574, CD54ACT574, CD74ACT574
SCHS292A – DECEMBER 1998 – REVISED MAY 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CD74ACT574

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74ACT574 TI-CD74ACT574 Datasheet
246Kb / 8P
OCTAL D-TYPE FLIP-FLOPS, 3-STATE POSITIVE-EDGE-TRIGGERED
CD74ACT574E TI-CD74ACT574E Datasheet
1Mb / 17P
Octal D-Type Flip-Flop, 3-State
CD74ACT574EE4 TI-CD74ACT574EE4 Datasheet
1Mb / 17P
Octal D-Type Flip-Flop, 3-State
CD74ACT574M TI-CD74ACT574M Datasheet
1Mb / 17P
Octal D-Type Flip-Flop, 3-State
CD74ACT574M96 TI-CD74ACT574M96 Datasheet
1Mb / 17P
Octal D-Type Flip-Flop, 3-State
More results

Similar Description - CD74ACT574

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54-74AC374 TI-CD54-74AC374 Datasheet
466Kb / 13P
OCTAL D-TYPE FLIP-FLOPS, 3-STATE POSITIVE-EDGE TRIGGERED
CD54-74AC564 TI-CD54-74AC564 Datasheet
246Kb / 8P
OCTAL D-TYPE FLIP-FLOPS, 3-STATE POSITIVE-EDGE-TRIGGERED
SN74ALVCH374 TI-SN74ALVCH374 Datasheet
124Kb / 9P
OCTAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
DM74ALS374 FAIRCHILD-DM74ALS374 Datasheet
72Kb / 7P
Octal 3-STATE D-Type Edge-Triggered Flip-Flop
MM74HC574 FAIRCHILD-MM74HC574 Datasheet
90Kb / 8P
3-STATE Octal D-Type Edge-Triggered Flip-Flop
logo
Intersil Corporation
CD54AC5343A INTERSIL-CD54AC5343A Datasheet
9Kb / 1P
Octal D-Type Flip-Flop, Three-State Positive-Edge Triggered, Inverting
June 1997
logo
Texas Instruments
CD54AC374 TI-CD54AC374_07 Datasheet
520Kb / 16P
Octal D-Type Flip-Flops, 3-State Positive-Edge Triggered
logo
Fairchild Semiconductor
MM74HC574SJX FAIRCHILD-MM74HC574SJX Datasheet
105Kb / 8P
3-STATE Octal D-Type Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74ALVCH374 TI1-SN74ALVCH374_16 Datasheet
843Kb / 17P
OCTAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MM74HC574 ONSEMI-MM74HC574 Datasheet
145Kb / 8P
3-State Octal D-Type Edge-Triggered Flip-Flop
November, 2017 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com