Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74ACT373M Datasheet(PDF) 6 Page - Texas Instruments

Part # CD74ACT373M
Description  CDx4AC373, CDx4ACT373 Octal Transparent Latch, 3-State
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74ACT373M Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD74ACT373M Datasheet HTML 2Page - Texas Instruments CD74ACT373M Datasheet HTML 3Page - Texas Instruments CD74ACT373M Datasheet HTML 4Page - Texas Instruments CD74ACT373M Datasheet HTML 5Page - Texas Instruments CD74ACT373M Datasheet HTML 6Page - Texas Instruments CD74ACT373M Datasheet HTML 7Page - Texas Instruments CD74ACT373M Datasheet HTML 8Page - Texas Instruments CD74ACT373M Datasheet HTML 9Page - Texas Instruments CD74ACT373M Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
CHARACTERISTICS
TEST CONDITIONS
VCC (V)
AMBIENT TEMPERATURE (TA) - °C
UNIT
+25
-40 to+85
-55 to +125
VI (V)
IO (mA)
MIN
MAX
MIN
MAX
MIN
MAX
VOH
Low-level output
voltage
VIH or VIL
0.05
4.5
—
0.1
—
0.1
—
0.1
V
24
4.5
—
0.36
—
0.44
—
0.5
(1), (2)
75
5.5
—
—
—
1.65
—
—
50
5.5
—
—
—
—
—
1.65
VOH
Input leakage current
VCC or
GND
5.5
—
±0.1
—
±1
—
±1
IOZ
3-state leakage current
VIH or VIL
VO = VCC
or GND
5.5
—
±0.5
—
±5
—
±10
μA
ICC
Quiescent supply
current, msi
VCC or
GND
0
5.5
—
8
—
80
—
160
μΑ
Additional quiescent
supply current per input
pin
VCC-2.1
4.5 to
5.5
—
2.4
—
28
—
3
mA
ΔICC
TTL inputs high
1 unit load
(1)
Test one output at a time for a 1-second maximum duration. Measurement is made by forcing current and measuring voltage to
minimize power dissipation.
(2)
Test verifies a minimum 50-ohm transmission-line-drive capability at +85°C. 75 ohms at +125°C.
Table 4-1. Act Input Loading Table
INPUT
UNIT LOAD(1)
ACT373
ACT533
OE
0.87
0.87
Dn
0.5
0.5
LE
0.8
08
(1)
Unit load is ΔICC limit specified in Static Characteristics Chart,
e.g. 2.4 mA max. @ 25°C.
4.7 Prerequisite for Switching: AC Series
SYMBOL
CHARACTERISTICS
VCC (V)
AMBIENT TEMPERATURE (TA) -°C
UNIT
-40 to +85
-55 to +125
MIN
MAX
MIN
MAX
tW
LE Pulse Width
1.5
44
—
50
—
ns
3.3(1)
4.9
—
5.6
—
5(2)
3.5
—
4
—
tSU
Setup Time Data to LE
1.5
2
—
2
—
ns
3.3
2
—
2
—
5
2
—
2
—
tH
Hold Time Data to LE
1.5
33
—
38
—
ns
3.3
3.7
—
4.2
—
5
2.6
—
3
—
(1)
3.3 V: min. is @ 3 V
(2)
5 V: min. is @ 4.5 V
CD54AC373, CD74AC373, CD54ACT373, CD74ACT373
SCHS289A – DECEMBER 1998 – REVISED MAY 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CD54AC373 CD74AC373 CD54ACT373 CD74ACT373



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com