Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74ACT373M Datasheet(PDF) 7 Page - Texas Instruments

Part # CD74ACT373M
Description  CDx4AC373, CDx4ACT373 Octal Transparent Latch, 3-State
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74ACT373M Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD74ACT373M Datasheet HTML 3Page - Texas Instruments CD74ACT373M Datasheet HTML 4Page - Texas Instruments CD74ACT373M Datasheet HTML 5Page - Texas Instruments CD74ACT373M Datasheet HTML 6Page - Texas Instruments CD74ACT373M Datasheet HTML 7Page - Texas Instruments CD74ACT373M Datasheet HTML 8Page - Texas Instruments CD74ACT373M Datasheet HTML 9Page - Texas Instruments CD74ACT373M Datasheet HTML 10Page - Texas Instruments CD74ACT373M Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
4.8 Switching Characteristics: AC Series
tr, tI = 3 ns, CL = 50 pF
SYMBOL
CHARACTERISTICS
VCC (V)
AMBIENT TEMPERATURE (TA) - °C
UNIT
-40 to +85
-55 to+125
MIN
MAX
MIN
MAX
tPLH
Propagation Delays: Data to Qn 373
1.5
—
96
—
106
ns
3.3(1)
3.1
10.8
3
11.9
tPHL
5(2)
2.2
7.7
2.1
8.5
tpLH
533
1.5
—
119
—
131
ns
3.3
3.8
13.4
3.7
14.7
tPHL
5
2.7
9.5
2.6
10.5
tPLH
LE on Qn 373
1.5
—
136
—
150
ns
3.3
4.3
15.2
4.2
16.8
tPHL
5
3.1
10.9
3
12
tPLH
533
1.5
—
136
—
150
ns
3.3
4.3
153
4.2
16.8
tPHL
5
3.1
10.9
3
12
tPZL
Output Enable Times
1.5
—
119
—
131
ns
3.3
4.1
14.4
4
15.8
tPZH
5
2.7
9.5
2.6
10.5
tPLZ
Output Disable Times
1.5
—
131
—
144
ns
3.3
3.7
13.1
3.6
14.4
tPHZ
5
3
10.5
2.9
11.5
CPD (3)
Power Dissipation Capacitance
—
63 Typ.
63 Typ.
pF
VOHV
Min. (Valley) VOH During Switching of Other
Outputs (Output Under Test Not Switching)
5
4 Typ. @ 25° C
V
VOLP
Max. (Peak) VOL During Switching of Other
Outputs (Output Under Test Not Switching)
5
1 Typ. @25° C
V
CI
Input Capacitance
—
—
10
—
10
pF
CO
3-State Output Capacitance
—
—
15
—
15
pF
(1)
3.3 V: min. is @ 3.6 V
(2)
5 V: min. is @ 5.5 V
(3)
CPD is used to determine the dynamic power consumption, per latch.
4.9 Prerequisite for Switching: ACT Series
SYMBOL
CHARACTERISTICS
VCC (V)
AMBIENT TEMPERATURE (TA) -°C
UNIT
-40 to +85
-55 to +125
MIN
MAX
MIN
MAX
tW
LE Pulse Width
5(1)
3.6
—
4
—
ns
tSU
Setup Time Data to LE
5
2
—
2
—
ns
tH
Hold Time Data to LE
5
2.7
—
3
—
ns
(1)
5 V: min. is @ 4.5 V
www.ti.com
CD54AC373, CD74AC373, CD54ACT373, CD74ACT373
SCHS289A – DECEMBER 1998 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: CD54AC373 CD74AC373 CD54ACT373 CD74ACT373



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com