Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC123F3A Datasheet(PDF) 22 Page - Texas Instruments

Part # CD54HC123F3A
Description  High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC123F3A Datasheet(HTML) 22 Page - Texas Instruments

Back Button CD54HC123F3A Datasheet HTML 17Page - Texas Instruments CD54HC123F3A Datasheet HTML 18Page - Texas Instruments CD54HC123F3A Datasheet HTML 19Page - Texas Instruments CD54HC123F3A Datasheet HTML 20Page - Texas Instruments CD54HC123F3A Datasheet HTML 21Page - Texas Instruments CD54HC123F3A Datasheet HTML 22Page - Texas Instruments CD54HC123F3A Datasheet HTML 23Page - Texas Instruments CD54HC123F3A Datasheet HTML 24Page - Texas Instruments CD54HC123F3A Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
www.ti.com
PACKAGE OUTLINE
C
8.2
7.4
TYP
14X 1.27
16X
0.51
0.35
2X
8.89
0.15 TYP
0 - 10
0.3
0.1
2.00 MAX
(1.25)
0.25
GAGE PLANE
1.05
0.55
A
10.4
10.0
NOTE 3
B
5.4
5.2
NOTE 4
4220735/A 12/2021
SOP - 2.00 mm max height
NS0016A
SOP
NOTES:
1. All linear dimensions are in millimeters. Dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm, per side.
4. This dimension does not include interlead flash. Interlead flash shall not exceed 0.25 mm, per side.
1
16
0.25
C A B
9
8
PIN 1 ID
AREA
SEATING PLANE
0.1 C
SEE DETAIL A
DETAIL A
TYPICAL
SCALE 1.500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com