Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC123F3A Datasheet(PDF) 7 Page - Texas Instruments

Part # CD54HC123F3A
Description  High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC123F3A Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD54HC123F3A Datasheet HTML 3Page - Texas Instruments CD54HC123F3A Datasheet HTML 4Page - Texas Instruments CD54HC123F3A Datasheet HTML 5Page - Texas Instruments CD54HC123F3A Datasheet HTML 6Page - Texas Instruments CD54HC123F3A Datasheet HTML 7Page - Texas Instruments CD54HC123F3A Datasheet HTML 8Page - Texas Instruments CD54HC123F3A Datasheet HTML 9Page - Texas Instruments CD54HC123F3A Datasheet HTML 10Page - Texas Instruments CD54HC123F3A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7
Switching Specifications Input tr, tf = 6ns, RX = 10KΩ, CX = 0 (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO
85oC
-55oC TO
125oC
UNIT
S
MIN
TYP
MAX
MIN
MAX
MIN
MAX
Pulse Width Match Between
Circuits In the Same Package
RX = 10KΩ, CX = 10pF
--
5
±2-
-
-
-
-
%
Input Capacitance
CIN
CL = 50pF
-
-
-
10
-
10
-
10
pF
NOTE:
4. CPD is used to determine the dynamic power consumption, per multivibrator.
PD = (CPD + CX) VCC
2 f
i ∑(CL VCC
2 f
O)
Where
fi = input frequency
fO = Output Frequency
CL = Output Load Capacitance
CX = External Capacitance
VCC = Supply Voltage,
assuming fi « I
t
W
------
CD54/74HC123, CD54/74HCT123, CD74HC423, CD74HCT423



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com