Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD87313DMS.B Datasheet(PDF) 4 Page - Texas Instruments

Part # CSD87313DMS.B
Description  CSD87313DMS 30-V Dual N-Channel NexFET™ Power MOSFETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD87313DMS.B Datasheet(HTML) 4 Page - Texas Instruments

  CSD87313DMS.B Datasheet HTML 1Page - Texas Instruments CSD87313DMS.B Datasheet HTML 2Page - Texas Instruments CSD87313DMS.B Datasheet HTML 3Page - Texas Instruments CSD87313DMS.B Datasheet HTML 4Page - Texas Instruments CSD87313DMS.B Datasheet HTML 5Page - Texas Instruments CSD87313DMS.B Datasheet HTML 6Page - Texas Instruments CSD87313DMS.B Datasheet HTML 7Page - Texas Instruments CSD87313DMS.B Datasheet HTML 8Page - Texas Instruments CSD87313DMS.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
VGS - Gate-To-Source Voltage (V)
0
1
2
3
4
5
6
7
8
9
10
0
2
4
6
8
10
12
14
16
18
20
D006
TC = 25°C, I D = 23 A
TC = 125°C, I D = 23 A
TC - Case Temperature (°C)
-75
-50
-25
0
25
50
75
100
125
150
175
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
D008
VGS = 2.5 V
VGS = 4.5 V
IS1S2 - Source1-to-Source2 Current (A)
0
10
20
30
40
50
60
70
80
90 100 110 120
0.5
0.75
1
1.25
1.5
D004
VG1S1 = 3 V
VG1S1 = 3.5 V
VG1S1 = 4 V
VG1S1 = 4.5 V
IS1S2 - Source1-to-Source2 Current (A)
0
10
20
30
40
50
60
70
80
90 100 110 120
0.5
0.75
1
1.25
1.5
1.75
D004
VGS = 3 V
VGS = 3.5 V
VGS = 4 V
VGS = 4.5 V
VS1S2 - Source1-to-Source2 Voltage (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
12
24
36
48
60
72
84
96
108
120
D002
VGS = 3 V
VGS = 3.5 V
VGS = 4 V
VGS = 4.5 V
VS1S2 - Source1-to-Source2 Voltage (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
12
24
36
48
60
72
84
96
108
120
D001
VG1S1 = 3 V
VG1S1 = 3.5 V
VG1S1 = 4 V
VG1S1 = 4.5 V
4
CSD87313DMS
SLPS642 – APRIL 2017
www.ti.com
Product Folder Links: CSD87313DMS
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5.3 Typical MOSFET Characteristics
TA = 25°C (unless otherwise stated)
Pulse width = 250 µs, duty cycle = 0.5%
VG2S2 = 4.5 V
Figure 1. Saturation Characteristics
Pulse width = 250 µs, duty cycle = 0.5%
Figure 2. Saturation Characteristics
Pulse width = 250 µs, duty cycle = 0.5%
VG2S2 = 4.5 V
Figure 3. Saturation Characteristics
Pulse width = 250 µs, duty cycle = 0.5%
Figure 4. Saturation Characteristics
IS1S2 = 23 A
VGS = 15 V
Figure 5. Normalized On-State Resistance vs Temperature
Figure 6. On-State Resistance vs Gate-to-Source Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com