Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD87313DMS.B Datasheet(PDF) 1 Page - Texas Instruments

Part # CSD87313DMS.B
Description  CSD87313DMS 30-V Dual N-Channel NexFET™ Power MOSFETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD87313DMS.B Datasheet(HTML) 1 Page - Texas Instruments

  CSD87313DMS.B Datasheet HTML 1Page - Texas Instruments CSD87313DMS.B Datasheet HTML 2Page - Texas Instruments CSD87313DMS.B Datasheet HTML 3Page - Texas Instruments CSD87313DMS.B Datasheet HTML 4Page - Texas Instruments CSD87313DMS.B Datasheet HTML 5Page - Texas Instruments CSD87313DMS.B Datasheet HTML 6Page - Texas Instruments CSD87313DMS.B Datasheet HTML 7Page - Texas Instruments CSD87313DMS.B Datasheet HTML 8Page - Texas Instruments CSD87313DMS.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
VGS - Gate-To-Source Voltage (V)
0
1
2
3
4
5
6
7
8
9
10
0
2
4
6
8
10
12
14
16
18
20
D006
TC = 25°C, I D = 23 A
TC = 125°C, I D = 23 A
Qg - Gate Charge (nC)
0
5
10
15
20
25
30
35
40
45
50
0
1
2
3
4
5
6
7
8
D010
ID = 23 A
VDS = 15 V
G1
G2
S2
D
S1
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
CSD87313DMS
SLPS642 – APRIL 2017
CSD87313DMS 30-V Dual N-Channel NexFET™ Power MOSFETs
1
1 Features
1
•
Low-Source-to-Source On Resistance
•
Dual Common Drain N-Channel MOSFETs
•
Optimized for 5-V Gate Drive
•
Low Qg and Qgd
•
Low-Thermal Resistance
•
Avalanche Rated
•
Lead-Free Terminal Plating
•
RoHS Compliant
•
Halogen Free
•
SON 3.3-mm × 3.3-mm Plastic Package
2 Applications
•
USB Type-C™ and Power Delivery (PD) VBus
Protection
•
Battery Protection
•
Load Switch
3 Description
The CSD87313DMS is a 30-V common drain, dual N-
channel device designed for USB Type-C/PD and
battery protection. This SON 3.3-mm × 3.3-mm
device has low-source-to-source on resistance that
minimizes losses and offers low-component count for
space constrained applications.
Schematic
Product Summary
TA = 25°C
VALUE
UNIT
VS1S2
Source1-to-Source2 Voltage
30
V
Qg
Gate Charge Total (4.5 V)
28
nC
Qgd
Gate Charge Gate-to-Drain
6.0
nC
RS1S2(on)
Max Source1-to-Source2 On
Resistance
VGS = 2.5 V
9.6
m
Ω
VGS = 4.5 V
5.5
VGS(th)
Threshold Voltage
0.9
V
Device Information(1)
DEVICE
QTY
MEDIA
PACKAGE
SHIP
CSD87313DMS
2500
13-Inch Reel
SON
3.30-mm × 3.30-mm
Plastic Package
Tape
and
Reel
CSD87313DMST
250
7-Inch Reel
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Absolute Maximum Ratings
TA = 25°C unless otherwise stated
VALUE
UNIT
VS1S2 Source1-to-Source2 Voltage
30
V
VGS
Gate-to-Source Voltage(1)
±10
V
IS1S2
Continuous Source Current(2)
17
A
ISM
Pulsed Source Current, TA = 25°C
(2)(3)
120
A
PD
Power Dissipation(2)
2.7
W
Power Dissipation(4)
1
TJ,
Tstg
Operating Junction,
Storage Temperature
–55 to 150
°C
EAS
Avalanche Energy, Single Pulse,
ID = 37 A, L = 0.1 mH, RG = 25 Ω
67
mJ
(1) VG1S1 should not exceed ±10 V and VG2S2 should not exceed
±10 V.
(2) Typical RθJA = 45°C/W when mounted on a 1-in
2 (6.45-cm2),
2-oz (0.071-mm) thick Cu pad on a 0.06-in (1.52-mm) thick
FR4 PCB.
(3) Duty cycle
≤ 2%, pulse duration ≤ 300 µs.
(4) Typical RθJA = 125°C/W on a minimum 2-oz Cu pad.
RS1S2(ON) vs VGS
Gate Charge


Similar Part No. - CSD87313DMS.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD87313DMS TI1-CSD87313DMS Datasheet
1Mb / 16P
30-V Dual N-Channel NexFET Power MOSFETs
CSD87313DMST TI1-CSD87313DMST Datasheet
1Mb / 16P
30-V Dual N-Channel NexFET Power MOSFETs
More results

Similar Description - CSD87313DMS.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17551Q3A TI-CSD17551Q3A Datasheet
1Mb / 12P
30-V, N-Channel NexFET Power MOSFETs
CSD17552Q5A TI-CSD17552Q5A Datasheet
737Kb / 11P
30-V, N-Channel NexFET Power MOSFETs
CSD87312Q3E TI-CSD87312Q3E Datasheet
789Kb / 12P
Dual 30-V N-Channel NexFET Power MOSFETs
CSD17381F4 TI-CSD17381F4 Datasheet
1Mb / 11P
30-V, N-Channel NexFET??Power MOSFETs
CSD17573Q5B TI-CSD17573Q5B_15 Datasheet
973Kb / 15P
CSD17573Q5B 30 V N-Channel NexFET Power MOSFETs
CSD87502Q2 TI-CSD87502Q2 Datasheet
566Kb / 13P
CSD87502Q2 30 V Dual N-Channel NexFET??Power MOSFETs
CSD17308Q3 TI1-CSD17308Q3_15 Datasheet
412Kb / 13P
30-V N-Channel NexFET Power MOSFETs
CSD17581Q3A TI1-CSD17581Q3A Datasheet
380Kb / 13P
30-V N-Channel NexFET Power MOSFETs
CSD87313DMS TI1-CSD87313DMS Datasheet
1Mb / 16P
30-V Dual N-Channel NexFET Power MOSFETs
CSD87503Q3E TI1-CSD87503Q3E Datasheet
485Kb / 12P
30-V N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com