Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7664 Datasheet(PDF) 21 Page - Texas Instruments

Part # DAC7664
Description  16-Bit, Quad Voltage Output Digital-to-Analog Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7664 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC7664 Datasheet HTML 17Page - Texas Instruments DAC7664 Datasheet HTML 18Page - Texas Instruments DAC7664 Datasheet HTML 19Page - Texas Instruments DAC7664 Datasheet HTML 20Page - Texas Instruments DAC7664 Datasheet HTML 21Page - Texas Instruments DAC7664 Datasheet HTML 22Page - Texas Instruments DAC7664 Datasheet HTML 23Page - Texas Instruments DAC7664 Datasheet HTML 24Page - Texas Instruments DAC7664 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
DAC7664
SBAS271 − MARCH 2004
www.ti.com
21
−2.5V to +2.5V
+5V
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
48
NC
−5V
+5V
NC
NC = No Connection
−2.5V to +2.5V
−2.5V to +2.5V
−2.5V to +2.5V
NC
NC NC
NC
NC
NC
NC
NC
NC
NC
NC
NC NC
47
46
45
44
43
42
41
40
39
38
12345
6789
10
11
37
36
35
34
33
12
13
14
15
16
DAC7664
Dual Supply
Offset D Range 1
Offset D Range 2
Offset C Range 2
Offset C Range 1
V
OUTCSense 2
V
OUTCSense 1
V
OUTC
Reference GND
Reference GND
V
OUTB
V
OUTB Sense 1
V
OUTB Sense 2
Offset B Range 1
Offset B Range 2
Offset A Range 2
Offset A Range 1
0.1
µF
1
µF
+
0.1
µF
1
µF
+
+3V to +5V
DAC
Input Data
0.1
µF
1
µF
+
LDAC
R/W
CS
(LSB) DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
DB10
DB11
DB12
Load DAC Registers
Read/Write
Chip Select
DAC
Input
Data
Figure 55. Basic Dual-Supply Operation of the DAC7664



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com