Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7664 Datasheet(PDF) 12 Page - Texas Instruments

Part # DAC7664
Description  16-Bit, Quad Voltage Output Digital-to-Analog Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7664 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DAC7664 Datasheet HTML 8Page - Texas Instruments DAC7664 Datasheet HTML 9Page - Texas Instruments DAC7664 Datasheet HTML 10Page - Texas Instruments DAC7664 Datasheet HTML 11Page - Texas Instruments DAC7664 Datasheet HTML 12Page - Texas Instruments DAC7664 Datasheet HTML 13Page - Texas Instruments DAC7664 Datasheet HTML 14Page - Texas Instruments DAC7664 Datasheet HTML 15Page - Texas Instruments DAC7664 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
DAC7664
SBAS271 − MARCH 2004
www.ti.com
12
TYPICAL CHARACTERISTICS: VSS = 0V (continued)
All specifications at TA = 25°C, IOVDD = VDD = VCC = +5V, VSS = 0V, representative unit, unless otherwise noted.
Figure 25
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0.01
0.1
1
10
100
R
LOAD (kΩ )
V
OUT vs RLOAD
Sink
Source
Figure 26
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
01
23
4
5
Logic Input Level for Digital Inputs (V)
IOVDD SUPPLY CURRENT
vs LOGIC INPUT LEVEL FOR DIGITAL INPUTS
Typical of One
Digital Input
IOVDD = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com