Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZL52C2V7 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSZL52C2V7
Description  200mW SMD Zener Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSZL52C2V7 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSZL52C2V7 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSZL52C2V7 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSZL52C2V7 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSZL52C2V7 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE
TSZL52C2 – TSZL52C39
200mW
SMD Zener Diode
1005
Features
200mW Power dissipation.
High voltages from 2 ~ 39V
Designed for mounting on small surface
Extremely thin/leadless package
Pb free product
Mechanical Data
Cases: 1005 standard package,
molded plastic
Terminals: Gold plated, solderable per
MIL-STD-750, method 2026,
Polarity: Indicated by cathode band
Weight: 0.006gram (approximately)
Item
1005
L
0.102(2.60)
0.095(2.40)
W
0.051(1.30)
0.043(1.10)
T
0.035(0.90)
0.027(0.70)
C
0.020(0.50)
Typical
D
0.020(0.50)
Typical
H
0.012(0.30) Typ.
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
Value
Units
Maximum Forward Voltage Drop at IF=10mA
VF
0.9
V
Maximum Power Dissipation
Pd
200
mW
Forward Current, Surge Peak
8.3ms Single half Sine-Wave superimposed on Rate Load
(JEDEC method)
IFSM
2.0
A
Operating Junction and Storage Temperature Range
TSTG, TJ
-65 to +125
oC
Version: A07
Preliminary


Similar Part No. - TSZL52C2V7

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSZL52C2V7 TSC-TSZL52C2V7 Datasheet
144Kb / 6P
SMD Zener Diode
More results

Similar Description - TSZL52C2V7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW Datasheet
63Kb / 3P
200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
MMBZ5221BS DIODES-MMBZ5221BS_1 Datasheet
460Kb / 4P
200mW SURFACE MOUNT ZENER DIODE
DS31039 Rev. 12 - 2
logo
Taiwan Semiconductor Co...
BZT52B2V4S TSC-BZT52B2V4S Datasheet
135Kb / 3P
200mW, 2% Tolerance SMD Zener Diode
BZT52C2V4S TSC-BZT52C2V4S Datasheet
177Kb / 3P
200mW, 5% Tolerance SMD Zener Diode
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW_09 Datasheet
95Kb / 5P
200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 13 - 2
logo
Taiwan Semiconductor Co...
BZT52C2V0K TSC-BZT52C2V0K Datasheet
191Kb / 3P
200mW,Surface Mount Zener Diode
logo
First Components Intern...
BZT52C2V4S FCI-BZT52C2V4S Datasheet
98Kb / 3P
200mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZX84C5V1W-7 DIODES-BZX84C5V1W-7 Datasheet
159Kb / 4P
200mW SURFACE MOUNT ZENER DIODE
Rev 15
logo
Taiwan Semiconductor Co...
BZT52B2V4S TSC-BZT52B2V4S_14 Datasheet
238Kb / 6P
200mW, 2% Tolerance SMD Zener Diode
BZT52C2V0K TSC-BZT52C2V0K_14 Datasheet
219Kb / 6P
200mW, Surface Mount Zener SMD Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com