Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS26C32AMJ/883 Datasheet(PDF) 3 Page - Texas Instruments

Part # DS26C32AMJ/883
Description  DS26C32AMQML Quad Differential Line Receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS26C32AMJ/883 Datasheet(HTML) 3 Page - Texas Instruments

  DS26C32AMJ/883 Datasheet HTML 1Page - Texas Instruments DS26C32AMJ/883 Datasheet HTML 2Page - Texas Instruments DS26C32AMJ/883 Datasheet HTML 3Page - Texas Instruments DS26C32AMJ/883 Datasheet HTML 4Page - Texas Instruments DS26C32AMJ/883 Datasheet HTML 5Page - Texas Instruments DS26C32AMJ/883 Datasheet HTML 6Page - Texas Instruments DS26C32AMJ/883 Datasheet HTML 7Page - Texas Instruments DS26C32AMJ/883 Datasheet HTML 8Page - Texas Instruments DS26C32AMJ/883 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
DS26C32AMQML
www.ti.com
SNOSAS3A – OCTOBER 2010 – REVISED APRIL 2013
Absolute Maximum Ratings
(1) (2)
Supply Voltage (VCC)
7V
Common Mode Range (VCM)
±14V
Differential Input Voltage (VDiff)
±14V
Enable Input Voltage (V I)
7V
Storage Temperature Range (T Stg)
−65°C ≤ TA ≤ +150°C
Lead Temperature (Soldering 4 sec.)
260°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not verify specific performance limits. For verified specifications and test conditions, see the
Electrical Characteristics. The verified specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
Unless otherwise specified, all voltages are referenced to ground.
Recommended Operating Conditions
Min
Max
Units
Supply Voltage (VCC)
4.50
5.50
V
Operating Temperature Range (TA)
−55
+125
°C
Quality Conformance Inspection
Table 1. Mil-Std-883, Method 5005 - Group A
Subgroup
Description
Temp °C
1
Static tests at
+25
2
Static tests at
+125
3
Static tests at
-55
4
Dynamic tests at
+25
5
Dynamic tests at
+125
6
Dynamic tests at
-55
7
Functional tests at
+25
8A
Functional tests at
+125
8B
Functional tests at
-55
9
Switching tests at
+25
10
Switching tests at
+125
11
Switching tests at
-55
12
Settling time at
+25
13
Settling time at
+125
14
Settling time at
-55
DS26C32AM Electrical Characteristics DC Parameters
Sub-
Parameter
Test Conditions
Notes
Min
Max
Unit
groups
VTH
Minimum Differential Input
VCC = 5V, VO = VOH or VOL,
-200
+200
mV
1, 2, 3
Voltage
-7 < VCM < +7
RI
Input Resistance
VCC = 5V, -7 < VCM < +7,
4.5
11
K
Ω
1, 2, 3
One input AC Gnd
II
Input Current
VCC = 5V, VI = +10V,
+1.8
mA
1, 2, 3
Other Input = Gnd
VCC = 5V, VI = -10V,
-2.7
mA
1, 2, 3
Other Input = Gnd
VOH
Logical "1" Output Voltage
VCC = 4.5V, VDiff = +1V,
3.8
V
1, 2, 3
IO = -6.0mA
VOL
Logical "0" Output Voltage
VCC = 5.5V, VCC = Max,
0.3
V
1, 2, 3
VDiff = -1V, IO = 6.0mA
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS26C32AMQML



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com