Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS26C32AMJ/883 Datasheet(PDF) 4 Page - Texas Instruments

Part # DS26C32AMJ/883
Description  DS26C32AMQML Quad Differential Line Receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS26C32AMJ/883 Datasheet(HTML) 4 Page - Texas Instruments

  DS26C32AMJ/883 Datasheet HTML 1Page - Texas Instruments DS26C32AMJ/883 Datasheet HTML 2Page - Texas Instruments DS26C32AMJ/883 Datasheet HTML 3Page - Texas Instruments DS26C32AMJ/883 Datasheet HTML 4Page - Texas Instruments DS26C32AMJ/883 Datasheet HTML 5Page - Texas Instruments DS26C32AMJ/883 Datasheet HTML 6Page - Texas Instruments DS26C32AMJ/883 Datasheet HTML 7Page - Texas Instruments DS26C32AMJ/883 Datasheet HTML 8Page - Texas Instruments DS26C32AMJ/883 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
DS26C32AMQML
SNOSAS3A – OCTOBER 2010 – REVISED APRIL 2013
www.ti.com
DS26C32AM Electrical Characteristics DC Parameters (continued)
Sub-
Parameter
Test Conditions
Notes
Min
Max
Unit
groups
VIH
Minimum Enable High Level
(1)
2.0
V
1, 2, 3
Voltage
VIL
Maximum Enable Low Level
(1)
0.8
V
1, 2, 3
Voltage
IOZ
Maximum TRI-STATE Output
VO = VCC or Gnd,
±5.0
µA
1, 2, 3
Leakage Current
Enable = VIL, Enable = VIH
II
Maximum Enable Input Current
VI = VCC or Gnd
±1.0
µA
1, 2, 3
ICC
Quiescent Power Supply Current
VDiff = +1V, VCC = 5.5V
25
mA
1, 2, 3
(1)
Parameter tested Go-No-Go only.
DS26C32AM Electrical Characteristics AC Parameters - Propagation Delay Time
The following conditions apply, unless otherwise specified.
VCC = 5V ±10%, CCL = 50pF, VDiff = 2.5V
Sub-
Parameter
Test Conditions
Notes
Min
Max
Unit
groups
tPLH
Input to Output Prop Delay
VCM = 0V
35
ns
9, 10, 11
tPHL
Input to Output Prop Delay
VCM = 0V
35
ns
9, 10, 11
tRise
Output Rise Time
VCM = 0V
9
ns
9, 10, 11
tFall
Output Fall Time
VCM = 0V
9
ns
9, 10, 11
tPLZ
Output Disable Time
RL = 1000Ω
29
ns
9, 10, 11
tPZL
Output Enable Time
RL = 1000Ω
29
ns
9, 10, 11
tPHZ
Output Disable Time
RL = 1000Ω
29
ns
9, 10, 11
tPZH
Output Enable Time
RL = 1000Ω
29
ns
9, 10, 11
4
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: DS26C32AMQML



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com