Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2665 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM2665
Description  LM2665 Switched Capacitor Voltage Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2665 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM2665 Datasheet HTML 9Page - Texas Instruments LM2665 Datasheet HTML 10Page - Texas Instruments LM2665 Datasheet HTML 11Page - Texas Instruments LM2665 Datasheet HTML 12Page - Texas Instruments LM2665 Datasheet HTML 13Page - Texas Instruments LM2665 Datasheet HTML 14Page - Texas Instruments LM2665 Datasheet HTML 15Page - Texas Instruments LM2665 Datasheet HTML 16Page - Texas Instruments LM2665 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
V+
GND
LM2665
CAP-
CAP+
OUT
SD
13
LM2665
www.ti.com
SNVS009H – NOVEMBER 1999 – REVISED MARCH 2016
Product Folder Links: LM2665
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
11 Layout
11.1 Layout Guidelines
The high switching frequency and large switching currents of the LM2665 make the choice of layout important.
Use the following steps as a reference to ensure the device is stable and maintains proper LED current
regulation across its intended operating voltage and current range.
•
Place CIN on the top layer (same layer as the LM2665) and as close to the device as possible. Connecting
the input capacitor through short, wide traces to both the V+ and GND pins reduces the inductive voltage
spikes that occur during switching which can corrupt the V+ line.
•
Place COUT on the top layer (same layer as the LM2665) and as close as possible to the OUT and GND pin.
The returns for both CIN and COUT must come together at one point, as close to the GND pin as possible.
Connecting COUT through short, wide traces reduce the series inductance on the OUT and GND pins that can
corrupt the VOUT and GND lines and cause excessive noise in the device and surrounding circuitry.
•
Place C1 on the top layer (same layer as the LM2665 device) and as close to the device as possible.
Connect the flying capacitor through short, wide traces to both the CAP+ and CAP– pins.
11.2 Layout Example
Figure 17. Typical Layout for LM2665



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com