Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3450MT/NOPB Datasheet(PDF) 29 Page - Texas Instruments

Part # LM3450MT/NOPB
Description  LED Drivers with Active Power Factor Correction and Phase Dimming Decoder
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3450MT/NOPB Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM3450MT/NOPB Datasheet HTML 25Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 26Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 27Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 28Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 29Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 30Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 31Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 32Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
LM3450
www.ti.com
SNVS681D – NOVEMBER 2010 – REVISED MAY 2013
Table 2. Bill of Materials(1) (continued)
Reference Designator
Description
Manufacturer
Part Number
L4
IND SHIELD 470µH 1.06A SMT
COILCRAFT
MSS1278-474KLB
Q1
MOSFET N-CH 800V 3A DPAK
ST MICRO
STD4NK80ZT4
Q2
120V
MOSFET N-CH 600V 4.4A DPAK
INFINEON
IPD60R950C6
230V
MOSFET N-CH 800V 3A DPAK
ST MICRO
STD4NK80ZT4
Q3, Q4
TRANS NPN 40V 0.6A SOT-23
FAIRCHILD
MMBT4401
Q5
MOSFET P-CH 70V 5.7A DPAK
ZETEX
ZXMP7A17K
Q6
TRANS PNP 40V 0.2A SOT-23
FAIRCHILD
MMBT3904
R1
120V
RES 330
Ω 5% 1W 2512
VISHAY
CRCW2512330RJNEG
230V
RES 510
Ω 5% 1W 2512
VISHAY
CRCW2512510RJNEG
R2
120V
RES 430
Ω 5% 1W 2512
VISHAY
CRCW2512430RJNEG
230V
RES 1.6k
Ω 5% 1W 2512
VISHAY
CRCW25121K60JNEG
R3
120V
RES 402k
Ω 1% 0.25W 1206
VISHAY
CRCW1206402KFKEA
230V
RES 953k
Ω 1% 0.25W 1206
VISHAY
CRCW1206953KFKEA
R4
RES 100
Ω 1% 1W 2512
VISHAY
WSL2512100RFKEA
R5
RES 100k
Ω 1% 0.1W 0603
VISHAY
CRCW0603100KFKEA
R6
RES 6.04k
Ω 1% 0.1W 0603
VISHAY
CRCW06036K04FKEA
R7
RES 499k
Ω 1% 0.1W 0603
VISHAY
CRCW0603499KFKEA
R8, R9
RES 75.0k
Ω 1% 0.1W 0603
VISHAY
CRCW060375K0FKEA
R10
RES 20.0k
Ω 1% 0.1W 0603
VISHAY
CRCW060320K0FKEA
R11
120V
RES 1.00M
Ω 1% 0.25W 1206
VISHAY
CRCW12061M00FKEA
230V
RES 2.00M
Ω 1% 0.25W 1206
VISHAY
CRCW12062M00FKEA
R12
RES 15.0k
Ω 1% 0.1W 0603
VISHAY
CRCW060315K0FKEA
R13
RES 5.11k
Ω 1% 0.1W 0603
VISHAY
CRCW06035K11FKEA
R14a
RES 10
Ω 1% 0.25W 1206
VISHAY
CRCW120610R0FKEA
R14b
RES 1.00
Ω 1% 0.33W 1210
VISHAY
CRCW12101R00FNEA
R15a, R15b
RES 5.62
Ω 1% 0.25W 1206
VISHAY
CRCW12065R62FNEA
R16
RES 2.00k
Ω 1% 0.125W 0805
VISHAY
CRCW08052K00FKEA
R17
120V
RES 20.0k
Ω 1% 0.1W 0603
VISHAY
CRCW060320K0FKEA
230V
RES 10.0k
Ω 1% 0.1W 0603
VISHAY
CRCW060310K0FKEA
R18
RES 105k
Ω 1% 0.125W 0805
VISHAY
CRCW0805105KFKEA
R19
RES 2.67k
Ω 1% 0.1W 0603
VISHAY
CRCW06032K67FKEA
R20
RES 6.04k
Ω 1% 0.125W 0805
VISHAY
CRCW08056K04FKEA
R21
RES 10.0k
Ω 1% 0.125W 0805
VISHAY
CRCW080510K0FKEA
R22
RES 80.6k
Ω 1% 0.1W 0603
VISHAY
CRCW060380K6FKEA
R23
RES .62
Ω 1% 0.5 2010 SMD
ROHM
MCR50JZHFLR620
R24, R25
RES 10k
Ω 1% 0.1W 0603
VISHAY
CRCW060310K0FKEA
R27, R28
120V
RES 10
Ω 10% 2W FILM
WELWYN
EMC2-10R0
230V
RES 22
Ω 10% 2W FILM
WELWYN
EMC2-22R0
OPTO1, OPTO2
OPTO-ISOLATOR SMD
LITE ON
CNY17F-3S
T1
120V
XFORMER 120V 15W OUTPUT 50V
WURTH
750813550
230V
XFORMER 230V 15W OUTPUT 50V
WURTH
750817550
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: LM3450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com