Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3450MT/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # LM3450MT/NOPB
Description  LED Drivers with Active Power Factor Correction and Phase Dimming Decoder
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3450MT/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3450MT/NOPB Datasheet HTML 7Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 8Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 9Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 10Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 11Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 12Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 13Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 14Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
DISP
DIST
K
K
PF
x
=
PF =
AVG
P
RMS
RMS
I
V
x
VREF
+
-
Switching Regulator
+
EMI
Bridge Rectifier
Energy
Storage
LM3450
www.ti.com
SNVS681D – NOVEMBER 2010 – REVISED MAY 2013
For higher power applications, where the dynamic hold provides much less current on average, the LM3450A
can be used. The LM3450A has continuous dynamic hold which prevents the dimmer from ever misfiring. This is
extremely helpful when designing for single stage solutions, where there is no second stage to provide good line
rejection. The continuous dynamic hold is also helpful for the higher power two stage applications where the
input capacitance is larger.
One last feature of the phase decoder is a dynamic filter that, combined with the variable sampling rate, provides
fast, smooth dimming transitions.
Figure 18. PFC System Architecture
PFC BACKGROUND
Power factor (PF) is a number between 0 and 1 that indicates how well energy is transmitted from input to output
of a system. It can be described by average power (PAVG), RMS voltage (VRMS), and RMS current (IRMS):
(1)
Or by distortion factor (KDIST) and displacement factor (KDISP):
(2)
With a purely resistive system, PF = 1. The addition of reactive elements necessary in any converter, such as
EMI filters and energy storage, will induce some amount of displacement (phase shift between the input voltage
and input current). The addition of switching devices will also create distortion (energy present in the harmonics
relative to the switching frequencies). These non-idealities decrease the PF towards zero.
Active power factor correction attempts to make the input impedance look as resistive as possible to the power
source. Since the output of the converter is usually a regulated voltage or current, there is a need for large
energy storage elements to remove the twice line frequency (100Hz or 120Hz) ripple. A power factor control
architecture, as shown in Figure 18, has very little capacitance at the input. Instead, the twice line frequency
content is removed with large energy storage capacitance at the output.
Using this control architecture, the converter is able to provide two important functions at the same time:
•
Shape the input current
•
Regulate the output voltage
The PFC control approach requires two separate control loops to achieve both functions: a fast loop which
shapes the input current, and a slow loop that regulates the output voltage.
The fast control loop shapes the input current to have the same sinusoidal shape as the AC input voltage.
Assuming both are perfect sinusoids with zero distortion or phase shift, the power factor will be perfect (unity).
Unfortunately, distortion is always present in switching converters. An input filter, which is required to comply with
EMI standards, helps to attenuate the switching content, thereby reducing distortion. However, the added filter
capacitance will increase the phase shift at the same time. Though perfect PF is not achievable within real
applications, extremely high PF (>.99) is possible using most active PFCs.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com