Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2841 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM2841
Description  LM284x-Q1 Automotive SIMPLE SWITCHER® 4.5-V to 42-V Input, 0.1-, 0.3-, or 0.6-A Output Step-Down DC/DC Regulator in Thin SOT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2841 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM2841 Datasheet HTML 9Page - Texas Instruments LM2841 Datasheet HTML 10Page - Texas Instruments LM2841 Datasheet HTML 11Page - Texas Instruments LM2841 Datasheet HTML 12Page - Texas Instruments LM2841 Datasheet HTML 13Page - Texas Instruments LM2841 Datasheet HTML 14Page - Texas Instruments LM2841 Datasheet HTML 15Page - Texas Instruments LM2841 Datasheet HTML 16Page - Texas Instruments LM2841 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
13
LM2840-Q1, LM2841-Q1, LM2842-Q1
www.ti.com
SNVSBE5 – APRIL 2019
Product Folder Links: LM2840-Q1 LM2841-Q1 LM2842-Q1
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.2.2.5 Output Capacitor
The selection of COUT is driven by the maximum allowable output voltage ripple. The output ripple in the constant
frequency, PWM mode is approximated by Equation 6.
VRIPPLE = IRIPPLE (ESR + (1 / (8fSWCOUT)))
(6)
The ESR term usually plays the dominant role in determining the voltage ripple. Low-ESR ceramic capacitors are
recommended. Capacitors in the range of 22 µF to 100 µF are a good starting point with an ESR of 0.1
Ω or
less.
Table 3. Recommended Input and Output Capacitors
MANUFACTURER
CAPACITOR
CONTACT INFORMATION
Vishay Sprague
293D, 592D, and 595D series tantalum
www.vishay.com
407-324-4140
Taiyo Yuden
High capacitance MLCC ceramic
www.t-yuden.com
408-573-4150
Cornell Dubilier
ESRD seriec Polymer Aluminum Electrolytic
SPV and AFK series V-chip series
www.cde.com
MuRata
High capacitance MLCC ceramic
www.murata.com
8.2.2.6 Bootstrap Capacitor
A 0.15-µF ceramic capacitor or larger is recommended for the bootstrap capacitor CBOOT). For applications where
the input voltage is less than twice the output voltage a larger capacitor is recommended, generally 0.15 µF to 1
µF to ensure plenty of gate drive for the internal switches and a consistently low RDSON.
8.2.2.7 Soft-Start Components
The devices have circuitry that is used in conjunction with the SHDN pin to limit the inrush current on start-up of
the DC/DC switching regulator. The SHDN pin in conjunction with a RC filter is used to tailor the soft start for a
specific application. When a voltage applied to the SHDN pin is between 0 V and up to 2.3 V it causes the cycle-
by-cycle current limit in the power stage to be modulated for minimum current limit at 0 V up to the rated current
limit at 2.3 V. Thus controlling the output rise time and inrush current at start-up. The resistor value must be
selected so the current injected into the SHDN pin is greater then the leakage current of the SHDN pin (1.5 µA)
when the voltage at SHDN is equal or greater then 2.3 V.
8.2.2.8 Shutdown Operation
The SHDN pin of the LM284x-Q1 is designed so that it may be controlled using 2.3 V or higher logic signals. If
the shutdown function is not to be used the SHDN pin may be tied to VIN. This input must not be allowed to float
The maximum voltage to the SHDN pin should not exceed 42 V. If the use of a higher voltage is desired due to
system or other constraints it may be used; however, a 100 k
Ω or larger resistor is recommended between the
applied voltage and the SHDN pin to protect the device.
8.2.2.9 Schottky Diode
The breakdown voltage rating of the diode (D1) is preferred to be 25% higher than the maximum input voltage.
The current rating for the diode must be equal to the maximum output current for best reliability in most
applications. In cases where the duty cycle is greater than 50%, the average diode current is lower. In this case it
is possible to use a diode with a lower average current rating, approximately (1 – D)IOUT; however, the peak
current rating should be higher than the maximum load current. A 0.5-A to 1-A rated diode is a good starting
point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com