Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM99 Datasheet(PDF) 20 Page - Texas Instruments

Part # LM99
Description  LM99 ±1°C Accurate, High Temperature, Remote Diode Temperature Sensor with Two- Wire Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM99 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM99 Datasheet HTML 16Page - Texas Instruments LM99 Datasheet HTML 17Page - Texas Instruments LM99 Datasheet HTML 18Page - Texas Instruments LM99 Datasheet HTML 19Page - Texas Instruments LM99 Datasheet HTML 20Page - Texas Instruments LM99 Datasheet HTML 21Page - Texas Instruments LM99 Datasheet HTML 22Page - Texas Instruments LM99 Datasheet HTML 23Page - Texas Instruments LM99 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
LM99
SNIS129D – JANUARY 2003 – REVISED MARCH 2013
www.ti.com
D7–D0: T_CRIT Hysteresis temperature. Power-on default is TH = 10°C. 1 LSB = 1°C, maximum value = 31.
FILTER and ALERT CONFIGURE REGISTER
Table 16. (Read and Write Address BFh):
BIT
D7
D6
D5
D4
D3
D2
D1
D0
Value
0
0
0
0
0
Filter Level
ALERT Configure
D7-D3: is not defined defaults to "0".
D2-D1: input filter setting as defined the table below:
D2
D1
Filter Level
0
0
No Filter
0
1
Level 1
1
0
Level 1
1
1
Level 2
Level 2 sets maximum filtering.
D0: when set to "1" comparator mode is enabled.
MANUFACTURERS ID REGISTER
(Read Address FEh) Default value 01h.
DIE REVISION CODE REGISTER
(Read Address FFh) The LM99 version has a default value 31h or 49 decimal. The LM99-1 version has a default
value of 34h or 52 decimal. This register will increment by 1 every time there is a revision to the die by Texas
Instruments.
Application Hints
The LM99 can be applied easily in the same way as other integrated-circuit temperature sensors, and its remote
diode sensing capability allows it to be used in new ways as well. It can be soldered to a printed circuit board,
and because the path of best thermal conductivity is between the die and the pins, its temperature will effectively
be that of the printed circuit board lands and traces soldered to the LM99's pins. This presumes that the ambient
air temperature is almost the same as the surface temperature of the printed circuit board; if the air temperature
is much higher or lower than the surface temperature, the actual temperature of the of the LM99 die will be at an
intermediate temperature between the surface and air temperatures. Again, the primary thermal conduction path
is through the leads, so the circuit board temperature will contribute to the die temperature much more strongly
than will the air temperature.
To measure temperature external to the LM99's die, use a remote diode. This diode can be located on the die of
a target IC, allowing measurement of the IC's temperature, independent of the LM99's temperature. The LM99
has been optimized to measure the NVIDIA GeForceFX family thermal diode. Remember that a discrete diode's
temperature will be affected, and often dominated, by the temperature of its leads.
20
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com