Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSS1 Datasheet(PDF) 2 Page - TT Electronics.

Part # PSS1
Description  Slim Slide Potentiometer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PSS1 Datasheet(HTML) 2 Page - TT Electronics.

  PSS1 Datasheet HTML 1Page - TT Electronics. PSS1 Datasheet HTML 2Page - TT Electronics. PSS1 Datasheet HTML 3Page - TT Electronics. PSS1 Datasheet HTML 4Page - TT Electronics. PSS1 Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Slim Slide Potentiometer
PSS1 Series
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Document #: ________________
TT Electronics | BI Technologies
Circulo de la Amistad #102 PIMSA IV Mexicali B.C. Mexico C.P 21210
Ph: + 1 (714) 447-2345
www.ttelectronics.com/bi-technologies
Rev - 06/2019 Page 2
Slide
Travel
20 mm, 30 mm
Operating
Force
10 gf ~ 100 gf
Stopper
Strength
3.0 kgf (from the base level to a point of 2mm)
Lever
Deviation
30 ~ 150 gf
Lever
Push-Pull Strength
3.0 kgf minimum at 10 seconds
Lever
Wobble
2 (2XL)/20 mm (maximum)
(L:
level length both sides)
Operational Life
15,000
cycles minimum
Mechanical Characteristics
TA = 25ᵒC unless otherwise noted
Environmental Characteristics
TA = 25ᵒC unless otherwise noted
Operating Temperature
-10 °C to + 70 °C
IP Rating
IP 40
Soldering Condition
Wave Soldering 260 °C maximum for 1-3 seconds
Hand Soldering 300ᵒ C maximum for 3 seconds
RoHS
Please refer to TT Electronics website
REACH
Please refer to TT Electronics website
OBSOLETE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com