Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSS1 Datasheet (PDF) - TT Electronics.

PSS1 Datasheet PDF - TT Electronics.
Part # PSS1
Download  PSS1 Download
File Size   750.94 Kbytes
Page   5 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Slim Slide Potentiometer

PSS1 Datasheet (PDF)

Go To PDF Page Download Datasheet
PSS1 Datasheet PDF - TT Electronics.

Part # PSS1
Download  PSS1 Click to download

File Size   750.94 Kbytes
Page   5 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Slim Slide Potentiometer

PSS1 Datasheet (HTML) - TT Electronics.


PSS1 Product details

Applications:
•Electric guitars
•Amplifiers
•Mixers
•Drum machines
•Synthesizers

Description:
Slim slide single gang potentiometer. Options include 20mm or 30 mm slide travel; center tap and center detent.

Features:
•Resistance range 1 kΩ to 1 MΩ
•Temperature range -10°C to +70°C
•Rotational cycles of 15,000 minimum
•Single gang•Center tap and detent options
•RoHS compliant




Similar Part No. - PSS1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
PSS10-24-12 TDK-PSS10-24-12 Datasheet
443Kb / 2P
Ultra Compact, 1.5W to 12W Single and Dual DC-DC Converters
logo
Wall Industries,Inc.
PSS100 WALL-PSS100 Datasheet
152Kb / 3P
100 Watt Single Output AC/DC Power Supply
logo
Altech corporation
PSS100 ALTECH-PSS100 Datasheet
121Kb / 1P
100W Single Output Industrial DIN Rail Power Supply PS-S100 Series
logo
Phihong USA Inc.
PSS100-033 PHIHONG-PSS100-033 Datasheet
244Kb / 2P
Single Output L-Bracket
PSS100-050 PHIHONG-PSS100-050 Datasheet
244Kb / 2P
Single Output L-Bracket
More results


Similar Description - PSS1

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTA BOURNS-PTA Datasheet
223Kb / 2P
Low Profile Slide Potentiometer
PDV10-21P-102A BOURNS-PDV10-21P-102A Datasheet
195Kb / 2P
Open Frame Slide Potentiometer
logo
Bi technologies
PS100-1 BITECH-PS100-1 Datasheet
101Kb / 3P
Slide Potentiometer
PS45G BITECH-PS45G Datasheet
110Kb / 4P
Slide Potentiometer
PS30M BITECH-PS30M Datasheet
168Kb / 6P
Slide Potentiometer
PS30 BITECH-PS30 Datasheet
102Kb / 4P
Slide Potentiometer
logo
Bourns Electronic Solut...
PSP BOURNS-PSP Datasheet
464Kb / 2P
Motorized Master Slide Potentiometer
SMLJ12A-Q BOURNS-SMLJ12A-Q Datasheet
838Kb / 3P
Motorized Master Slide Potentiometer
logo
SHINMEI ELECTRIC CO., L...
SLR-1-10101B SHINMEI-SLR-1-10101B Datasheet
140Kb / 3P
SLIDE POTENTIOMETER
logo
TT Electronics.
PSM050S-10B10KB TTELEC-PSM050S-10B10KB Datasheet
376Kb / 3P
Miniature Slide Potentiometer
12/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com