Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC-NETWORK Datasheet(PDF) 1 Page - TT Electronics.

Part # RC-NETWORK
Description  Surface Mount Chip Resistor/ Capacitor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

RC-NETWORK Datasheet(HTML) 1 Page - TT Electronics.

  RC-NETWORK Datasheet HTML 1Page - TT Electronics. RC-NETWORK Datasheet HTML 2Page - TT Electronics. RC-NETWORK Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface Mount Chip Resistor/ Capacitor
RC Network Series
Thick film on ceramic construction
Integrated resistor and capacitor
Compact 1206 footprint
Nickel barrier terminations
High speed AC line termination
EMI/RFI filtering
Solderability
MIL-STD-202, Method 208, Cond. B, 95% Coverage
Life
1,000 hours at 70°C (±3%+0.2 Ohms
ΔR, ±10% ΔC)
Thermal Shock
MIL-STD-202F, Method 107, Cond. A (±3%+0.2 Ohms
ΔR, ±10% ΔC)
Moisture Resistance
MIL-STD-202F, Method 106 (±3%+0.2 Ohms
ΔR, ±10% ΔC)
RC4
Resistor
Power rating (70°C)
mW
63
Value range
ohms
20R – 1M0
Tolerance
%
5, 10, 20
TCR
ppm/°C
±200
Capacitor
Value maximum
pF
200
Tolerance (1MHz, 25°C)
%
20
Characteristic
X7R
Maximum ΔC (-55 to +125°C)
%
±15
Voltage rating
Vdc
25
Dielectric withstand voltage (5s)
Vdc
125
Insulation resistance
ohms
≥10G
Dissipation factor
%
2.5
Package
Ambient temperature range
°C
-40 to +125
Electrical
Environmental
Specifications subject to change without notice.
08.20
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn
All parts are Pb-free and comply with EU Directive 2011/65/EU amended by (EU) 2015/863 (RoHS3)
Resistors
Schematic
OBSOLETE


Similar Part No. - RC-NETWORK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC-050 ETC2-RC-050 Datasheet
469Kb / 3P
Regeneration Clamp
logo
Applied Motion Products...
RC-050 AMP-RC-050 Datasheet
85Kb / 2P
Regeneration Clamp
logo
Recom International Pow...
RC-0505D RECOM-RC-0505D Datasheet
100Kb / 3P
2 Watt SIP7 & DIP14 Dual Output
RC-0509D RECOM-RC-0509D Datasheet
100Kb / 3P
2 Watt SIP7 & DIP14 Dual Output
RC-0512D RECOM-RC-0512D Datasheet
100Kb / 3P
2 Watt SIP7 & DIP14 Dual Output
More results

Similar Description - RC-NETWORK

ManufacturerPart #DatasheetDescription
logo
Dubilier
RPC25103J DUBILIER-RPC25103J Datasheet
184Kb / 3P
SURFACE MOUNT SURFACE MOUNT CHIP RESISTOR RPC
logo
List of Unclassifed Man...
CAP-AVX-GX02-001 ETC1-CAP-AVX-GX02-001 Datasheet
121Kb / 3P
surface mount chip capacitor model
RC1206 ETC1-RC1206 Datasheet
433Kb / 9P
Chip Resistor Surface Mount
YC124-JR-07100RL ETC1-YC124-JR-07100RL Datasheet
343Kb / 9P
Chip Resistor Surface Mount
logo
Dubilier
RPC25103J DUBILIER-RPC25103J_11 Datasheet
266Kb / 3P
SURFACE MOUNT SURFACE MOUNT CHIP RESISTOR RPC
logo
Bourns Electronic Solut...
CRM2512-FT BOURNS-CRM2512-FT Datasheet
38Kb / 2P
Surface Mount Chip Resistor
logo
YAGEO Corporation
TC164-JR-070RL YAGEO-TC164-JR-070RL Datasheet
338Kb / 8P
Chip Resistor Surface Mount
RC0402FR-070RL YAGEO-RC0402FR-070RL Datasheet
309Kb / 9P
Chip Resistor Surface Mount
logo
Dubilier
RPC DUBILIER-RPC Datasheet
266Kb / 3P
SURFACE MOUNT CHIP RESISTOR
logo
YAGEO Corporation
RC_P YAGEO-RC_P Datasheet
546Kb / 10P
Chip Resistor Surface Mount
May. 11, 2022 V.4
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com