Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC-NETWORK Datasheet(PDF) 3 Page - TT Electronics.

Part # RC-NETWORK
Description  Surface Mount Chip Resistor/ Capacitor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

RC-NETWORK Datasheet(HTML) 3 Page - TT Electronics.

  RC-NETWORK Datasheet HTML 1Page - TT Electronics. RC-NETWORK Datasheet HTML 2Page - TT Electronics. RC-NETWORK Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RC Network Series
08.20
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn
Surface Mount Chip Resistor/ Capacitor
Packaging (Inch / mm)
.138 ± .002
3.5 ± 0.05
.315 ± .012
8.0 ± 0.3
7.008 ± .079
178 ± 2.0
.370 ± .059
9.4 ± 1.5
.069 ± .004
1.75 ± 0.10
.157 ± .004
4.0 ± 0.1
.079 ± .002
2.0 ± 0.05
+.004
–.000
+0.1
–0.0
.059
1.5
Dia.
.138 ± .008
3.5 ± 0.2
.075 ± .008
1.9 ± 0.2
Upper-Surface
Covering Tape
Cavity For RC Chip
.157 ± .004
4.0 ± 0.1
.024
0.6
Max.
.039
1.0
Max.
.059
1.5 Min.
1.969
50
Min. Dia.
.795
20.2 Min.
Reel
Dia.
Label:
Includes Part Number,
Date Code And Quantity
.512 ± .020
13 ± 0.5 Dia.
Embossed Tape
14. Packaging – sort out
Quantity
15. Ordering Information – replace with Ordering Procedure section below:
Ordering Procedure
Example: RC4101M101M7 (1206 RC chip, 100 ohms ±20%, 100pF ±20%, on a 7” reel, Pb-free)
R
C
4
1
0
1 M 1
0
1 M 7
1
2
3
4
5
6
1
2
3
4
5
6
Type
Resistor
Value
Resistor
Tolerance
Capacitor
Value
Capacitor
Tolerance
Termination Finish & Packing
RC4
3 digits
(2 value +
multiplier)
E24
J = ±5%
3 digits
(2 value +
multiplier)
in pF
M = ±20%
Pb-free (RoHS)
K = ±10%
7 7” reel 3000/reel, plastic tape
M = ±20%
OBSOLETE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com