Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ACT2228 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ACT2228
Description  DUAL 64 횞 1, DUAL 256 횞 1 CLOCKED FIRST-IN, FIRST-OUT MEMORIES
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT2228 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74ACT2228 Datasheet HTML 5Page - Texas Instruments SN74ACT2228 Datasheet HTML 6Page - Texas Instruments SN74ACT2228 Datasheet HTML 7Page - Texas Instruments SN74ACT2228 Datasheet HTML 8Page - Texas Instruments SN74ACT2228 Datasheet HTML 9Page - Texas Instruments SN74ACT2228 Datasheet HTML 10Page - Texas Instruments SN74ACT2228 Datasheet HTML 11Page - Texas Instruments SN74ACT2228 Datasheet HTML 12Page - Texas Instruments SN74ACT2228 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
SN74ACT2226, SN74ACT2228
DUAL 64
× 1, DUAL 256 × 1
CLOCKED FIRST-IN, FIRST-OUT MEMORIES
SCAS219C – JUNE 1992 – REVISED OCTOBER 1997
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figures 1 through 3)
MIN
MAX
UNIT
fclock
Clock frequency
22
MHz
t
Pulse duration
1WRTCLK, 2WRTCLK high or low
15
ns
tw
Pulse duration
1RDCLK, 2RDCLK high or low
15
ns
1D before 1WRTCLK
↑ and 2D before 2WRTCLK↑
6
1WRTEN before 1WRTCLK
↑ and 2WRTEN before 2WRTCLK↑
6
tsu
Setup time
1RDEN before 1RDCLK
↑ and 2RDEN before 2RDCLK↑
6
ns
1RESET low before 1WRTCLK
↑ and 2RESET low before 2WRTCLK↑†
6
1RESET low before 1RDCLK
↑ and 2RESET low before 2RDCLK↑†
6
1D after 1WRTCLK
↑ and 2D after 2WRTCLK↑
0
1WRTEN after 1WRTCLK
↑ and 2WRTEN after 2WRTCLK↑
0
th
Hold time
1RDEN after 1RDCLK
↑ and 2RDEN after 2RDCLK↑
0
ns
1RESET low after 1WRTCLK
↑ and 2RESET low after 2WRTCLK↑†
6
1RESET low after 1RDCLK
↑ and 2RESET low after 2RDCLK↑†
6
† Requirement to count the clock edge as one of at least four needed to reset a FIFO
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
MAX
UNIT
fmax
1WRTCLK, 2WRTCLK,
or 1RDCLK, 2RDCLK
22
MHz
1RDCLK
↑, 2RDCLK↑
1Q, 2Q
2
20
1WRTCLK
↑, 2WRTCLK↑
1IR, 2IR
1
20
tpd
1RDCLK
↑, 2RDCLK↑
1OR, 2OR
1
20
ns
1WRTCLK
↑, 2WRTCLK↑
1AF/AE 2AF/AE
3
20
1RDCLK
↑, 2RDCLK↑
1AF/AE, 2AF/AE
3
20
tPLH
1WRTCLK
↑, 2WRTCLK↑
1HF 2HF
2
20
ns
tPHL
1RDCLK
↑, 2RDCLK↑
1HF, 2HF
3
20
ns
tPLH
1RESET 2RESET low
1AF/AE, 2AF/AE
1
20
ns
tPHL
1RESET, 2RESET low
1HF, 2HF
1
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com