Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ACT2228 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ACT2228
Description  DUAL 64 횞 1, DUAL 256 횞 1 CLOCKED FIRST-IN, FIRST-OUT MEMORIES
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT2228 Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN74ACT2228 Datasheet HTML 7Page - Texas Instruments SN74ACT2228 Datasheet HTML 8Page - Texas Instruments SN74ACT2228 Datasheet HTML 9Page - Texas Instruments SN74ACT2228 Datasheet HTML 10Page - Texas Instruments SN74ACT2228 Datasheet HTML 11Page - Texas Instruments SN74ACT2228 Datasheet HTML 12Page - Texas Instruments SN74ACT2228 Datasheet HTML 13Page - Texas Instruments SN74ACT2228 Datasheet HTML 14Page - Texas Instruments SN74ACT2228 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
SN74ACT2226, SN74ACT2228
DUAL 64
× 1, DUAL 256 × 1
CLOCKED FIRST-IN, FIRST-OUT MEMORIES
SCAS219C – JUNE 1992 – REVISED OCTOBER 1997
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
An example of concentrating two independent serial-data signals into a single composite data signal with the use of
an SN74ACT2226 or SN74ACT2228 device is shown in Figure 6. The input data to the FIFOs share the same average
(mean) frequency and the mean frequency of the SYS_CLOCK is greater than or equal to the sum of the individual
mean input rates. A single-bit FIFO is needed for each additional input data signal that is time-division multiplexed
into the composite signal.
The FIFO memories provide a buffer to absorb clock jitter generated by the transmission systems of incoming signals
and synchronize the phase-independent inputs to one another. FIFO half-full (HF) flags are used to signal the
multiplexer to start fetching data from the buffers. The state of the flags also can be used to indicate when a FIFO
read should be suppressed to regulate the output flow (pulse-stuffing control). The FIFO almost-full/almost-empty
(AF/AE) flags can be used in place of the half-full flags to reduce transmission delay.
1HF
1WRTCLK
1WRTEN
1D
1RDCLK
1RDEN
1Q
2HF
2D
2WRTEN
2WRTCLK
2Q
2RDEN
2RDCLK
READY_1
SELECT_1
DATA_1
SELECT_2
DATA_2
READY_2
SN74ACT2226
or
SN74ACT2228
Serial
Data
Stream
Serial
Data
Stream
+5 V
Time-Division
Multiplexer
SYS_CLOCK
Composite
Data Stream
Figure 6. Time-Division Multiplexing Using the SN74ACT2226 or SN74ACT2228



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com