Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCB Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # PCB
Description  Power PCB Relay RPII/2 1.5 mm Contact Gap
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PCB Datasheet(HTML) 1 Page - TE Connectivity Ltd

  PCB Datasheet HTML 1Page - TE Connectivity Ltd PCB Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
07-2018, Rev. 0718
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
SCHRACK
General Purpose Relays
PCB Relays
n
2 pole 8 A, 2 NO contacts, 1.5 mm contact gap each
n
DC-coil
n
Reinforced insulation: coil - contact circuit
n
Creepage distance complies with IEC 60950 requirement
Applications
Domestic appliances, UPS’s, Solar Inverter
Approvals
VDE Cert. No. 40025448, UL E214025
Technical data of approved types on request
Contact Data
Contact configuration
2 NO
Contact set
single contact
Type of interruption
micro disconnection
Rated current
8 A
Rated voltage / max.switching voltage AC
240/400 VAC
Maximum breaking capacity AC
2000 VA
Limiting making capacity, max 4 s, duty factor 10%
15 A
Contact material
AgSnO2
Mechanical endurance
> 5 x 106 cycles
Rated frequency of operation with / without load
6 / 600 min-1
Contact ratings
Load
Cycles
8 A, 250 VAC, cos
φ=1, 360/h, 55°C, EN61810-1
10x103
3 A, 250 VAC, cos
φ=1, 360/h, 55°C, EN61810-1
100x103
8 A, 250 VAC, general purpose, 40°C, UL508
6x103
Coil Data
Coil voltage range
5 to 110VDC
Coil power DC coil
typ 800 mW
Operative range, IEC 61810
2
Coil versions, DC coil
Type
Rated Operate Release Maximum
Coil
Rated coil
voltage voltage voltage
voltage
resistance
power
VDC
VDC
VDC
VDC
Ω±10%1)
mW
RP920145
5
3.8
0.4
7.7
32±10%
780
RP920123 12
9.0
1.0
18.5
180±10%
800
RP920139 12
9.0
1.0
18.5
180±10%
800
RP920124 24
18.0
1.9
37.5
740±10%
780
RP920138 110
82.5
8.8
169.0
15125±15%
800
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Other coil voltages on request.
Insulation Data
Initial dielectric strength
coil-contact circuit
5000 Vrms
open contact circuit
2500Vrms
adjacent contact circuits
3000Vrms
Clearance/creepage
coil-contact circuit
7/8mm
between solder pins 11/21 and 14/24
> 5 mm
within contact circuit (between 11/14 and 21/24)
>1,5/>2m
adjacent contact circuits
≥3 / 3mm
Contact gap open contact
>1.5mm
Material group of insulation parts
≥ IIIa
Tracking index of relay base
PTI 250V
Insulation to IEC 61810-1
Type of insulation coil-contact circuit
reinforced
open contact circuit
micro disconnection
adjacent contact circuits
basic
Rated insulation voltage
250V
Pollution degree
2
Rated voltage system
240V
Overvoltage category
III
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
-40 to +55°C (UL: 40°C)
Operate-/ release time DC coil
typ 13/ 3ms
Bounce time NO contact
typ 5ms
Shock resistance (destruction)
100g
Category of protection
RP 920139
RTII - flux proof
others:
RTIII - wash tight
Resistance to soldering heat flux-proof version 270°C / 10s
wash-tight version 260°C / 5s
Relay weight
18g
Packaging unit
tube/20 pcs., box/500 pcs.
Power PCB Relay RPII/2 1.5 mm Contact Gap
F0150-B
Z


Similar Part No. - PCB

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
PCB TEC-PCB Datasheet
332Kb / 3P
Vertical and horizontal version
logo
Tyco Electronics
PCB MACOM-PCB Datasheet
699Kb / 3P
Miniature PCB Relay PCH
09-2010, Rev. 0910
logo
Anderson Power Products...
PCB APP-PCB Datasheet
235Kb / 2P
45 amp High Power PCB
logo
TE Connectivity Ltd
PCB TEC-PCB Datasheet
1Mb / 2P
PCFN SOLAR High Performance Power PCB Relay
05/2014
logo
Fortex Engineering Ltd
PCB FORTEX-PCB Datasheet
72Kb / 1P
PCB Scrub Cleaning Eraser Polibloc
More results

Similar Description - PCB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393230-2 MACOM-2-1393230-2 Datasheet
494Kb / 3P
Power PCB Relay RPII/1
2-1393230-6 MACOM-2-1393230-6 Datasheet
494Kb / 3P
Power PCB Relay RPII/1
2-1393230-8 MACOM-2-1393230-8 Datasheet
494Kb / 3P
Power PCB Relay RPII/1
2-1393230-9 MACOM-2-1393230-9 Datasheet
494Kb / 3P
Power PCB Relay RPII/1
2-1393232-6 MACOM-2-1393232-6 Datasheet
494Kb / 3P
Power PCB Relay RPII/1
logo
Telecommunication Elec...
RP420024 TELTRON-RP420024 Datasheet
455Kb / 2P
Power PCB Relay RPII/2
logo
Tyco Electronics
RP421060 MACOM-RP421060 Datasheet
395Kb / 2P
Power PCB Relay RPII/2
RP710012 MACOM-RP710012 Datasheet
494Kb / 3P
Power PCB Relay RPII/1
RP827012 MACOM-RP827012 Datasheet
455Kb / 2P
Power PCB Relay RPII/2
RP838012 MACOM-RP838012 Datasheet
494Kb / 3P
Power PCB Relay RPII/1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com