Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM2N60CZ Datasheet(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

Part # TSM2N60CZ
Description  600V N-Channel Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM2N60CZ Datasheet(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  TSM2N60CZ Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM2N60CZ Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM2N60CZ Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM2N60CZ Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM2N60CZ Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM2N60CZ Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM2N60CZ Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM2N60CZ Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TSM2N60
600V N-Channel Power MOSFET
6/8
Version: A07
SOT-251 Mechanical Drawing
Marking Diagram
Y
= Year Code
M = Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug,
I=Sep, J=Oct, K=Nov, L=Dec)
L
= Lot Code
TO-251 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
2.20
2.40
0.087
0.094
A1
1.10
1.30
0.043
0.051
b
0.55
0.75
0.022
0.030
C
0.48
0.58
0.019
0.023
D
6.50
7.00
0.256
0.276
D1
5.50
5.70
0.217
0.224
E
6.40
6.60
0.252
0.260
E1
5.20
5.40
0.205
0.213
e
2.25
2.35
0.089
0.093
F
0.48
0.58
0.019
0.023
L
7.80
8.20
0.307
0.323
L1
1.00
1.30
0.039
0.051



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com