Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM2N60CZ Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM2N60CZ
Description  600V N-Channel Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM2N60CZ Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM2N60CZ Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM2N60CZ Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM2N60CZ Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM2N60CZ Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM2N60CZ Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM2N60CZ Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM2N60CZ Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM2N60CZ Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TSM2N60
600V N-Channel Power MOSFET
1/8
Version: A07
TO-220
TO-251
(IPAK)
TO-252
(DPAK)
General Description
The TSM2N60 is used an advanced termination scheme to provide enhanced voltage-blocking capability without
degrading performance over time. In addition, this advanced MOSFET is designed to withstand high energy in
avalanche and commutation modes. The new energy efficient design also offers a drain- to-source diode with a fast
recovery time. Designed for high voltage, high speed switching applications in power supplies, converters and PWM
motor controls, these devices are particularly well suited for bridge circuits where diode speed and commutating safe
operating areas are critical and offer additional and safety margin against unexpected voltage transients.
Features
●
Robust high voltage termination
●
Avalanche energy specified
●
Diode is characterized for use in bridge circuits
●
Source to Drain diode recovery time comparable to a
discrete fast recovery diode.
Ordering Information
Part No.
Package
Packing
TSM2N60CP RO
TO-252
2.5Kpcs/ 13” Reel
TSM2N60CH C5
TO-251
80pcs / Tube
TSM2N60CZ C0
TO-220
50pcs / Tube
Absolute Maximum Rating (Ta = 25oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
600
V
Gate-Source Voltage
VGS
±30
V
Continuous Drain Current
ID
2
A
Pulsed Drain Current
IDM
9
A
Continuous Source Current (Diode Conduction)
a,b
IS
1
A
Single Pulse Drain to Source Avalanche Energy
(VDD = 100V, VGS=10V, IAS=2A, L=10mH, RG=25Ω)
EAS
20
mJ
TO-251 / TO-252
2.5
Maximum Power Dissipation @Ta = 25
oC
TO-220
PD
54
W
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TJ, TSTG
-55 to +150
oC
PRODUCT SUMMARY
VDS (V)
RDS(on)(Ω)
ID (A)
600
4.4 @ VGS =10V
1
Pin Definition:
1. Gate
2. Drain
3. Source
Block Diagram
N-Channel MOSFET


Similar Part No. - TSM2N60CZ

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM2N60CZC0 TSC-TSM2N60CZC0 Datasheet
348Kb / 8P
600V N-Channel Power MOSFET
More results

Similar Description - TSM2N60CZ

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM2N60S TSC-TSM2N60S Datasheet
328Kb / 8P
600V N-Channel Power MOSFET
logo
Unisonic Technologies
18N60 UTC-18N60_10 Datasheet
147Kb / 3P
600V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM6N60 TSC-TSM6N60 Datasheet
147Kb / 5P
600V N-Channel Power MOSFET
TSM1NB60 TSC-TSM1NB60 Datasheet
196Kb / 8P
600V N-Channel Power MOSFET
TSM4NB60 TSC-TSM4NB60_13 Datasheet
575Kb / 11P
600V N-Channel Power MOSFET
logo
Jiangsu Changjiang Elec...
CJD04N60 JIANGSU-CJD04N60 Datasheet
1Mb / 4P
600V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N60 DYELEC-6N60 Datasheet
1Mb / 8P
600V N-Channel Power MOSFET
7N60 DYELEC-7N60 Datasheet
2Mb / 9P
600V N-Channel Power MOSFET
10N60 DYELEC-10N60 Datasheet
2Mb / 9P
600V N-Channel Power MOSFET
logo
Jiangsu Changjiang Elec...
CJP04N60 JIANGSU-CJP04N60 Datasheet
1Mb / 4P
600V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com