Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4606 Datasheet(PDF) 3 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # 4606
Description  Complementary High Density Trench MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

4606 Datasheet(HTML) 3 Page - Shenzhen Tuofeng Semiconductor Technology Co

  4606 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co 4606 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co 4606 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co 4606 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co 4606 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co 4606 Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co 4606 Datasheet HTML 7Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
P-Channel Electrical Characteristics (TA=25°C, unless otherwise noted)
Symbol
Characteristic
Test Conditions
Min.
Typ.
Max.
Unit
• Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=-250uA
-30
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS=-24V, VGS=0V
-
-
-
50
nA
IGSS
Gate-Body Leakage Current
VGS=±20V, VDS=0V
-
-
±100
nA
• On Characteristicsc
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=-250uA
-1.0
-1.3
-
2.0
V
VGS=-10V, ID=-
A
-
50
RDS(on)
Drain-Source On-State Resistance
VGS=-4.5V, ID=-5.0A
-
80
m
Ω
gfs
Forward Transconductance
VDS=-10V, ID=-6.0A
-
12.7
-
S
• Dynamic Characteristics d
Ciss
Input Capacitance
-
930
-
Coss
Output Capacitance
-
121
-
Crss
Reverse Transfer Capacitance
VDS=-15V, VGS=0V, f=1MHz
-
102
-
pF
• Switching Characteristicsd
Qg
Total Gate Charge
-
20
-
Qgs
Gate-Source Charge
-
4.1
-
Qgd
Gate-Drain Charge
VDS=-15V, ID=-3A, VGS=-10V
-
2.6
-
nC
td(on)
Turn-on Delay Time
-
9.5
-
tr
Turn-on Rise Time
-
5.4
-
td(off)
Turn-off Delay Time
-
42.5
-
tf
Turn-off Fall Time
VDD=-15V, RL=5Ω, ID=-3A,
VGEN=-10V, RG=6Ω
-
13.6
-
nS
• Drain-Source Diode Characteristics
VSD
Drain-Source Diode Forward Voltage
VGS=0V, IS=-2.0A
-
-
-1.0
V
Note:
b: Pulse width limited by maximum junction temperature.
c: Guaranteed by design , not subject to production testing .
Shenzhen Tuofeng Semiconductor Technology co., LTD
4606
6.0
40
70



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com