Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4606 Datasheet(PDF) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # 4606
Description  Complementary High Density Trench MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

4606 Datasheet(HTML) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

  4606 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co 4606 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co 4606 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co 4606 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co 4606 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co 4606 Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co 4606 Datasheet HTML 7Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Complementary High Density Trench MOSFET
PRODUCT SUMMARY (N-Channel)
PRODUCT SUMMARY (P-Channel)
VDSS
ID
RDS(on) (m-ohm) Max
VDSS
ID
RDS(on) (m-ohm) Max
28 @ VGS = 10 V,ID=6.9A
50 @ VGS = -10V,ID=-
A
30V
6.
9A
42 @ VGS = 4.5V,ID=5.0A
-30V -
A
80@VGS = -4.5V, ID=-
Absolute Maximum Ratings (TA=25oC, unless otherwise noted)
Symbol
Parameter
N-Channel
P-Channel
Units
VDS
Drain-Source Voltage
30
-30
V
VGS
Gate-Source Voltage
±20
±20
V
ID
Drain Current
a
6.
9
-
A
IDM
Drain Current
b (Pulsed) *1
28
-26
A
Is
Drain-Source Diode Forward Current
a
2.5
-2.3
A
Total Power Dissipation
a @TA=25oC
2.0
2.0
PD
Total Power Dissipation
a @TA=75oC
1.2
1.2
W
Tj, Tstg
Operating Junction and Storage Temperature Range
a
-55 to +150 -55 to +150
°C
RθJA
Thermal Resistance Junction to Ambient
a
63.2
63.2
°C/W
a: Surface Mounted on FR4 Board , t ≤ 5sec .
b: Pulse width limited by maximum junction temperature.
Shenzhen Tuofeng Semiconductor Technology co., LTD
4606
6.0
6.0
5.0A
6.0


Similar Part No. - 4606

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
4606 VBSEMI-4606 Datasheet
1Mb / 14P
N- and P-Channel 30 V (D-S) MOSFET
logo
Festo Corporation.
4606 FESTO-4606 Datasheet
99Kb / 1P
Binary reduction valve
logo
Shenzhen Tuofeng Semico...
4606 TUOFENG-4606 Datasheet
3Mb / 8P
N and P-Channel Enhancement Mode Power MOSFET
v1.0
logo
List of Unclassifed Man...
4606 ETC-4606 Datasheet
44Kb / 1P
High Q, high self-resonant frequency
logo
Keystone Electronics Co...
4606 KEYSTONE-4606 Datasheet
413Kb / 1P
TO-3 POWER TRANSISTOR SOCKET & MOUNTING KITS
31-07 20th
More results

Similar Description - 4606

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO4606 KEXIN-AO4606 Datasheet
2Mb / 7P
Complementary Trench MOSFET
AO6601 KEXIN-AO6601 Datasheet
2Mb / 7P
Complementary Trench MOSFET
AO6602 KEXIN-AO6602 Datasheet
1Mb / 7P
Complementary Trench MOSFET
AO4611 KEXIN-AO4611 Datasheet
1Mb / 7P
Complementary Trench MOSFET
AO4613 KEXIN-AO4613 Datasheet
2Mb / 7P
Complementary Trench MOSFET
AO4613-HF KEXIN-AO4613-HF Datasheet
3Mb / 7P
Complementary Trench MOSFET
AO4614A KEXIN-AO4614A Datasheet
2Mb / 7P
Complementary Trench MOSFET
AO4614B KEXIN-AO4614B Datasheet
1Mb / 7P
Complementary Trench MOSFET
AO4618 KEXIN-AO4618 Datasheet
2Mb / 7P
Complementary Trench MOSFET
SIA517DJ KEXIN-SIA517DJ Datasheet
3Mb / 10P
Complementary Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com