Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CVR-23R Datasheet(PDF) 3 Page - Amphenol Industrial Products Group.

Part # CVR-23R
Description  ePower Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIO [Amphenol Industrial Products Group.]
Direct Link  https://www.amphenol-industrial.com/
Logo AIO - Amphenol Industrial Products Group.

CVR-23R Datasheet(HTML) 3 Page - Amphenol Industrial Products Group.

  CVR-23R Datasheet HTML 1Page - Amphenol Industrial Products Group. CVR-23R Datasheet HTML 2Page - Amphenol Industrial Products Group. CVR-23R Datasheet HTML 3Page - Amphenol Industrial Products Group. CVR-23R Datasheet HTML 4Page - Amphenol Industrial Products Group. CVR-23R Datasheet HTML 5Page - Amphenol Industrial Products Group. CVR-23R Datasheet HTML 6Page - Amphenol Industrial Products Group.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
For further information on your individual application requirements, contact: Amphenol Corporation
Notice: Specifications are subject to change without notice. Contact your nearest Amphenol Corporation Sales Office for the latest specifications. All statements, information and data given herein are believed to be accurate and reliable but are presented
without guarantee, warranty, or responsibility of any kind, expressed or implied. Statements of suggestions concerning possible use of our products are made without representation or warranty that any such use is free of patent infringement and are not
recommendations to infringe any patent. The user should assume that all safety measures are indicated or that other measures may not be required. Specifications are typical and may not apply to all connectors.
AMPHENOL is a registered trademark of Amphenol Corporation.
North America:
Amphenol Industrial Operations
180 N. Freeport Drive, Plant 4
Nogales, AZ 85621
Tel: (520) 285-5130
Fax: (520) 285-5134
Email: tech@amphenol-aio.com
Europe:
Amphenol Industrial Operations Europe
Via Barbaiana 5
1-20020 Lainate (MI) Italy
Tel: +39 02 93254.204
Fax: +39 02 93254.444
Email: info@amphenol-aio.com
Middle East:
Amphenol Middle East Enterprises FZE
Office C-37 PO Box 21107
Ajman Free Zone, UAE
Tel: +9 716-7422494
Fax: +9 716-7422941
Email: jhussain@amphenol-industrial.com
Asia:
Amphenol Technology Shenzhen Ltd
Block 5 Fuan 2nd Industrial Park
Dayang Rd, Fuyong Baoan
Baoan, Shenzhen, China 518103
Tel; +86 755 2881 8389
Fax; +86 755 2991 8310
Email: enquiry@amphenol-aio.com
The information contained in this data sheet is for reference only.
The markets and application for the ePower series include but are not limited
to the following found in both the Military Aerospace and Industrial segments:
• Power converters
• Hybrid electric vehicles
• Heavy equipment electrification
• Two and three phase motors
• Starter generators
Receptacle
Plug
e ePower P
Plug
2
200A
2
2 Pole
BB
Busbar (Receptacle Only)
1
Available in 2 & 3 Pole
1
Electroless Nickel
R Receptacle 4
400A
3
3 Pole
25
25 mm2 (200A Only)
2
Available in 2 & 3 Pole
FG
Tin over Nickel
35
35 mm2 (200A Only)
3
Available in 2 & 3 Pole
B
No Plating
50
50 mm2 (200A or 400A)
4
Available in 2 & 3 Pole
70
70 mm2 (400A Only)
5
Available in 3 Pole Only
95
95 mm2 (400A Only)
6
Available in 3 Pole Only
7
Available in 3 Pole Only
8
Available in 3 Pole Only
1
2
3
4
5
6
7
e
P
2
2
25
1
1
Product line
Connector
Amp Level
Number of Poles
Wire Size
Key Position
Plating
How to order
Amphenol
www.amphenol-industrial.com
• Two or three circuit power
• Crimp, lug or bus bar termination
• IP2X on pin and socket
• Environmental IP67 rating
• Two HVIL circuits
• 1,000VDC rating
• Integrated EMI shielding
• 8.0mm – 11.1mm RADSOK®
technology for 200 to 400A
continuous current capability
• Strain relief for jacketed cable
incorporated into shell
• Excellent vibration resistance
• All aluminum shell
ePower Features
For further information on your individual application requirements, contact: Amphenol Corporation
Notice: Specifications are subject to change without notice. Contact your nearest Amphenol Corporation Sales Office for the latest specifications. All statements, information and data given herein are believed to be accurate and reliable but are presented
without guarantee, warranty, or responsibility of any kind, expressed or implied. Statements of suggestions concerning possible use of our products are made without representation or warranty that any such use is free of patent infringement and are not
recommendations to infringe any patent. The user should assume that all safety measures are indicated or that other measures may not be required. Specifications are typical and may not apply to all connectors.
AMPHENOL is a registered trademark of Amphenol Corporation.
North America:
Amphenol Industrial Operations
180 N. Freeport Drive, Plant 4
Nogales, AZ 85621
Tel: (520) 285-5130
Fax: (520) 285-5134
Email: tech@amphenol-aio.com
Europe:
Amphenol Industrial Operations Europe
Via Barbaiana 5
1-20020 Lainate (MI) Italy
Tel: +39 02 93254.204
Fax: +39 02 93254.444
Email: info@amphenol-aio.com
Middle East:
Amphenol Middle East Enterprises FZE
Office C-37 PO Box 21107
Ajman Free Zone, UAE
Tel: +9 716-7422494
Fax: +9 716-7422941
Email: jhussain@amphenol-industrial.com
Asia:
Amphenol Technology Shenzhen Ltd
Block 5 Fuan 2nd Industrial Park
Dayang Rd, Fuyong Baoan
Baoan, Shenzhen, China 518103
Tel; +86 755 2881 8389
Fax; +86 755 2991 8310
Email: enquiry@amphenol-aio.com
The information contained in this data sheet is for reference only.
The markets and application for the ePower series include but are not limited
to the following found in both the Military Aerospace and Industrial segments:
• Power converters
• Hybrid electric vehicles
• Heavy equipment electrification
• Two and three phase motors
• Starter generators
Receptacle
Plug
e ePower P
Plug
2
200A
2
2 Pole
BB
Busbar (Receptacle Only)
1
Available in 2 & 3 Pole
1
Electroless Nickel
R Receptacle 4
400A
3
3 Pole
25
25 mm2 (200A Only)
2
Available in 2 & 3 Pole
FG
Tin over Nickel
35
35 mm2 (200A Only)
3
Available in 2 & 3 Pole
B
No Plating
50
50 mm2 (200A or 400A)
4
Available in 2 & 3 Pole
70
70 mm2 (400A Only)
5
Available in 3 Pole Only
95
95 mm2 (400A Only)
6
Available in 3 Pole Only
7
Available in 3 Pole Only
8
Available in 3 Pole Only
1
2
3
4
5
6
7
e
P
2
2
25
1
1
Product line
Connector
Amp Level
Number of Poles
Wire Size
Key Position
Plating
How to order



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com