Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CVR-23R Datasheet(PDF) 4 Page - Amphenol Industrial Products Group.

Part # CVR-23R
Description  ePower Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIO [Amphenol Industrial Products Group.]
Direct Link  https://www.amphenol-industrial.com/
Logo AIO - Amphenol Industrial Products Group.

CVR-23R Datasheet(HTML) 4 Page - Amphenol Industrial Products Group.

  CVR-23R Datasheet HTML 1Page - Amphenol Industrial Products Group. CVR-23R Datasheet HTML 2Page - Amphenol Industrial Products Group. CVR-23R Datasheet HTML 3Page - Amphenol Industrial Products Group. CVR-23R Datasheet HTML 4Page - Amphenol Industrial Products Group. CVR-23R Datasheet HTML 5Page - Amphenol Industrial Products Group. CVR-23R Datasheet HTML 6Page - Amphenol Industrial Products Group.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Amphenol
www.amphenol-industrial.com
ePower Accessories
and Replacement Parts
CODED PN
DESCRIPTION
CVR-43R
Cover for 3way 400A Receptacle
CVR-43P
Cover for 3way 400A Plug
CVR-23R
Cover for 3way 200A Receptacle
CVR-23P
Cover for 3way 200A Plug
CVR-42R
Cover for 2way 400A Receptacle
CVR-42P
Cover for 2way 400A Plug
CVP-400
Cavity Plug for 400A
CVP-200
Cavity Plug for 200A
HVIL-P-KIT
HVIL Plug side kit (signal grommet cover
10-643757-000, signal grommet 10-643754-000,
signal contacts 10-040557-000, signal insert
10-643738-000)
PIN-11-50
11.1mm pin contact asm 50mm2
PIN-11-70
11.1mm pin contact asm 70mm2
PIN-11-95
11.1mm pin contact asm 95mm2
CBL-GROM-11-50
11.1mm power cable grommet 50mm2
CBL-GROM-11-70
11.1mm power cable grommet 70mm2
CBL-GROM-11-95
11.1mm power cable grommet 95mm2
CBL-CLMP-50-42
Cable clamp 50mm2, 2WAY 400 AMP
CBL-CLMP-70-42
Cable clamp 70mm2, 2WAY 400 AMP
CBL-CLMP-95-42
Cable clamp 95mm2, 2WAY 400 AMP
CBL-CLMP-50-43
Cable clamp 50mm2, 3WAY 400 AMP
CBL-GROM-70-43
Cable clamp 70mm2, 3WAY 400 AMP
CBL-GROM-95-43
Cable clamp 95mm2, 3WAY 400 AMP
CBL-CLMP-25-22
Cable clamp 25mm2, 2WAY 200 AMP
CBL-CLMP-35-22
Cable clamp 35mm2, 2WAY 200 AMP
CBL-CLMP-50-22
Cable clamp 50mm2, 2WAY 200 AMP
CBL-CLMP-25-23
Cable clamp 25mm2, 3WAY 200 AMP
CBL-CLMP-35-23
Cable clamp 35mm2, 3WAY 200 AMP
CBL-CLMP-50-23
Cable clamp 50mm2, 3WAY 200 AMP
PIN-08-25
8.0mm pin contact asm 25mm2
PIN-08-35
8.0mm pin contact asm 35mm2
PIN-08-50
8.0mm pin contact asm 50mm2
CBL-GROM-08-25
8.0mm power cable grommet 25mm2
CBL-GROM-08-35
8.0mm power cable grommet 35mm2
CBL-GROM-08-50
8.0mm power cable grommet 50mm2
PIN-INSL-11
11.1mm pin insulation
PIN-INSL-08
8.0mm pin insulation
FG-42R
Flange gasket 400amp 2way receptacle
FG-43R
Flange gasket 400amp 3way receptacle
FG-42R
Flange gasket 200amp 2way receptacle
FG-43R
Flange gasket 200amp 3way receptacle
RAD-11-BB
11.0mm RADSOK® contact assembly, BUSBAR
RAD-11-50
11.0mm RADSOK® contact assembly, 50MM2
RAD-11-75
11.0mm RADSOK® contact assembly, 75MM2
RAD-11-90
11.0mm RADSOK® contact assembly, 90MM2
RAD-08-BB
8.0mm RADSOK® contact assembly, BUSBAR
RAD-08-25
8.0mm RADSOK® contact assembly, 25MM2
RAD-08-35
8.0mm RADSOK® contact assembly, 35MM2
RAD-08-50
8.0mm RADSOK® contact assembly, 50MM2
Receptacle Cap
Plug Cap
Cavity Plugs



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com