Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRCM12-4DP Datasheet(PDF) 4 Page - Autonics Corporation

Part # PRCM12-4DP
Description  Cylindrical connector type proximity sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUTONICS [Autonics Corporation]
Direct Link  https://www.autonics.com/
Logo AUTONICS - Autonics Corporation

PRCM12-4DP Datasheet(HTML) 4 Page - Autonics Corporation

  PRCM12-4DP Datasheet HTML 1Page - Autonics Corporation PRCM12-4DP Datasheet HTML 2Page - Autonics Corporation PRCM12-4DP Datasheet HTML 3Page - Autonics Corporation PRCM12-4DP Datasheet HTML 4Page - Autonics Corporation PRCM12-4DP Datasheet HTML 5Page - Autonics Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
H05:
CE6@ FMXQMY
Z-I z| DI?P>ODQ@ OTK@j ] <I? ^j \ <I? _ <M@ >JII@>O@?
DIND?@ JA OC@ >JII@>OJM ><=G@l
KMK djieji ine[
MKM djieji ine[
57RCB
57RCB
Z6C@ KDI <MM<IB@H@IO JA >JII@>OJM <KKGTDIB -~| NO<I?<M? DN
=@DIB ?@Q@GJK@?l
Z3G@<N@ <OO<>C c-c <O OC@ @I? JA OC@ I<H@ JA NO<I?<M? OTK@ AJM
KPM>C<NDIB OC@ -~| NO<I?<M? KMJ?P>Ol~Sh34|06opkr}2k-
Z6C@ >JII@>OJM ><=G@ AJM -~| NO<I?<M? DN =@DIB ?@Q@GJK@?l
3G@<N@ <OO<>C c-f <O OC@ @I? JA OC@ I<H@ JA NO<I?<M? OTK@l
~Sh|-}pkpk-j|/}pksk-
b
c
@B
Mdl[g
rP^[ cjbX[g _c W Y_gYa[ _h e_c cd1 d\ Ydcc[Yidg1
`76 0*]QXM Z_WM
b
c
a
ACA V[ZW[Z Z_WM
F
I
LK
LEE
b
c
a
CAC V[ZW[Z Z_WM
LK
LEE
Z3G@<N@ A<NO@I OC@ >G@<O JA >JII@>OJM IJO OJ NCJRI OC@ OCM@<?l
gnlqwVnlrw1dHh
LK
LEE
F
I
LK
LEE
rMa[Wh[ \Whi[c i^[ k_XgWi_dc eWgi l_i^ P[\adc iWe[1
rO[[ H084 WXdji GDB hiWcZWgZ Ydcc[Yidg l_g[h WcZ he[Y_\_YWi_dch1
aHQXQUO LQIOXIT
KdgbWa Le[c ,KL- 2 KdgbWa Badh[ ,KB-
/
.
1
0
3R
57RCB
IdWZ
`76 /*]QXM Z_WM|FZIULIXL Z_WM}
a6VUZXVS V[ZW[Z LQIOXIT
`76 /*]QXM Z_WM|<86 YZIULIXL Z_WM}
KdgbWa Le[c ,KL-
KdgbWa Badh[ ,KB-
`76 /*]QXM Z_WM
`46 /*]QXM Z_WM
p
KL
KB
IdWZ
Agdlc
AaWY`
Aaj[
43`v
KL
KB
IdWZ
.R
3R
.R
3R
43`v
KL
KB
IdWZ
/
.
1
0
3R
Aaj[
Agdlc
57RCB
IdWZ
`46 /*]QXM
`76 0*]QXM
KdgbWa Le[c,KL- 2 KdgbWa Badh[,KB-
/
.
1
0
IdWZ
p
/.
1
0
p
3R
/
.
1
0
IdWZ
/.
1
0
IdWZ
3R
/
.
1
0
3R
57RCB
/
.
1
0
3R
57RCB
KL
KB
Mg[h[cY[
Kdc[
Le[gWi_dc
N[ijgc
IdWZ
hcZ_YWidg
,IDC-
O[ch_c]
iWg][i
Agdlc
Aaj[
.R
3R
IdWZ
Mg[h[cY[
Kdc[
Le[gWi_dc
N[ijgc
IdWZ
hcZ_YWidg
,IDC-
O[ch_c]
iWg][i
Agdlc
Aaj[
Mg[h[cY[
Kdc[
Le[gWi_dc
N[ijgc
hcZ_YWidg
,IDC-
O[ch_c]
iWg][i
IdWZ
,Agdlc0AaWY`-
Ljieji kdaiW][
,AaWY`0Aaj[-
Agdlc
AaWY`
Aaj[
Mg[h[cY[
Kdc[
Le[gWi_dc
N[ijgc
hcZ_YWidg
,IDC-
O[ch_c]
iWg][i
IdWZ
,Agdlc0AaWY`-
Ljieji kdaiW][
,AaWY`0Aaj[-
Aaj[
Agdlc
IdWZ
IdWZ
Aaj[
Agdlc
Aaj[
Agdlc
IdWZ
Aaj[
Agdlc
AaWY`
Aaj[
Agdlc
AaWY`
Aaj[
Agdlc
Aaj[
Agdlc
IdWZ
Z3DI \j ] <M@ 1l| g1JO |JII@>O@?h O@MHDI<GNl
Z*JM }| qkRDM@ OTK@ >JII@>OJM ><=G@j DO DN <Q<DG<=G@ OJ PN@
RDOC =G<>F RDM@gpr7}|h <I? =GP@ RDM@gn7hl



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com