Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRCM12-4DP Datasheet(PDF) 2 Page - Autonics Corporation

Part # PRCM12-4DP
Description  Cylindrical connector type proximity sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUTONICS [Autonics Corporation]
Direct Link  https://www.autonics.com/
Logo AUTONICS - Autonics Corporation

PRCM12-4DP Datasheet(HTML) 2 Page - Autonics Corporation

  PRCM12-4DP Datasheet HTML 1Page - Autonics Corporation PRCM12-4DP Datasheet HTML 2Page - Autonics Corporation PRCM12-4DP Datasheet HTML 3Page - Autonics Corporation PRCM12-4DP Datasheet HTML 4Page - Autonics Corporation PRCM12-4DP Datasheet HTML 5Page - Autonics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
H058
CE6@ FMXQMY
Z|~.} 6C@ M@NKJIN@ AM@LP@I>T DN OC@ <Q@M<B@ Q<GP@l 6C@ NO<I?<M? N@INDIB O<MB@O DN PN@? <I? OC@ RD?OC DN N@O <N p ODH@N JA OC@ NO<I?<M?
N@INDIB O<MB@Oj omp JA OC@ N@INDIB ?DNO<I>@ AJM OC@ ?DNO<I>@l
Z|~.} 6C@ M@NKJIN@ AM@LP@I>T DN OC@ <Q@M<B@ Q<GP@l 6C@ NO<I?<M? N@INDIB O<MB@O DN PN@? <I? OC@ RD?OC DN N@O <N p ODH@N JA OC@ NO<I?<M?
N@INDIB O<MB@Oj omp JA OC@ N@INDIB ?DNO<I>@ AJM OC@ ?DNO<I>@l
JdZ[a
JdZ[a
CE6@./*/7A
CE6@./*/7C
CE6@./*/7A/
CE6@./*/7C/
CE6@.3*27A
CE6@.3*27C
CE6@.3*27A/
CE6@.3*27C/
CE6@?.3*27A
CE6@?.3*27C
CE6@?.3*27A/
CE6@?.3*27C/
CE6@./*17A
CE6@./*17C
CE6@./*17A/
CE6@./*17C/
CE6@.3*37A
CE6@.3*37C
CE6@.3*37A/
CE6@.3*37C/
CE6@?.3*37A
CE6@?.3*37C
CE6@?.3*37A/
CE6@?.3*37C/
CE6@0-*.-7A
CE6@0-*.-7C
CE6@0-*.-7A/
CE6@0-*.-7C/
CE6@?0-*.-7A
CE6@?0-*.-7C
CE6@?0-*.-7A/
CE6@?0-*.-7C/
CE6@0-*.27A
CE6@0-*.27C
CE6@0-*.27A/
CE6@0-*.27C/
CE6@?0-*.27A
CE6@?0-*.27C
CE6@?0-*.27A/
CE6@?0-*.27C/
CE6@./*/4B
CE6@./*/46
CE6@./*14B
CE6@./*146
CE6@.3*24B
CE6@.3*246
CE6@?.3*24B
CE6@?.3*246
CE6@.3*34B
CE6@.3*346
CE6@?.3*34B
CE6@?.3*346
CE6@0-*.-4B
CE6@0-*.-46
CE6@?0-*.-4B
CE6@?0-*.-46
CE6@0-*.24B
CE6@0-*.246
CE6@?0-*.24B
CE6@?0-*.246
hcZ_YWidg
O[ch_c] Z_hiWcY[
Fnhi[g[h_h
OiWcZWgZ h[ch_c] iWg][i
O[ii_c] Z_hiWcY[
Mdl[g hjeean
,Le[gWi_dc kdaiW][-
N[hedch[ \g[fj[cYn|~.}
N[h_ZjWa kdaiW][
@\\[Yi_dc Xn P[be1
Bdcigda djieji
C_[a[Yig_Y hig[c]i^
R_XgWi_dc
O^dY`
@bX_[ci i[be[gWijg[
OidgW][ i[be[gWijg[
@bX_[ci ^jb_Z_in
Mgdi[Yi_dc Y_gYj_i
Mgdi[Yi_dc
Qc_i l[_]^i
@eegdkWa
Bjgg[ci Ydchjbei_dc
hchjaWi_dc g[h_hiWcY[
hcZ_YWidg
O[ch_c] Z_hiWcY[
Fnhi[g[h_h
OiWcZWgZ h[ch_c] iWg][i
O[ii_c] Z_hiWcY[
Mdl[g hjeean
,Le[gWi_dc kdaiW][-
N[hedch[ \g[fj[cYn|~.}
N[h_ZjWa kdaiW][
@\\[Yi_dc Xn P[be1
Bdcigda djieji
C_[a[Yig_Y hig[c]i^
R_XgWi_dc
O^dY`
@bX_[ci i[be[gWijg[
OidgW][ i[be[gWijg[
@bX_[ci ^jb_Z_in
Mgdi[Yi_dc Y_gYj_i
Mgdi[Yi_dc
Qc_i l[_]^i
@eegdkWa
I[W`W][ Yjgg[ci
hchjaWi_dc g[h_hiWcY[
5PMB@j 4@Q@MN@ KJR@M KJG<MDOTj 2Q@M>PMM@IO KMJO@>ODJI >DM>PDO
5PMB@ KMJO@>ODJI >DM>PDO
aFWMKQNQKIZQVUY
e46 /*]QXM Z_WM
e76 0*]QXM Z_WM
sHH Wond
vHH Wond
onHH Wond
osHH Wond
pHH Wond
rHH Wond
opkpr7}|
gonkqn7}|h
0<SlonHz
0<Sl ols7
0<Sl pnnHz
opXopXoHHg-MJIh
ovXovXoHHg-MJIh psXpsXoHHg-MJIhqnXqnXoHHg-MJIh rsXrsXoHHg-MJIh
n V onlsHH
n V uHH
n V sltHH
n V qlsHH
n V plvHH
n V olrHH
pnn,U
rnn,U
qsn,U
snn,U
olsF,U
qs V wsd4,
-3tug-~| NO<I?<M?h
34|0ovxzKKMJSlrwB
34|0/ovxzKKMJSluqB
34|0qnxzKKMJSl oqrB
34|0/ xzKKMJSl otwB
zKKMJSlptB
sHH Wond
vHH Wond
onHH Wond
osHH Wond
pHH Wond
rHH Wond
onnkprn7z|
gvskptr7z|h
0<Sl plsHz
0<Slon7
Wond 0<Sl AJM N@INDIB ?DNO<I>@ <O ipnY RDOCDI O@HK@M<OPM@ M<IB@ JA kps V iunY
s V osnHz
opXopXoHHg-MJIh
ovXovXoHHg-MJIh psXpsXoHHg-MJIhqnXqnXoHHg-MJIh rsXrsXoHHg-MJIh
n V onlsHH
n V uHH
n V sltHH
n V plvHH
n V olrHH
pn,U
s V pnnHz
34|0ovxzKKMJSlsqB
34|0/ovxzKKMJSlurB
34|0qnxzKKMJSl oqrB
34|0/qnxzKKMJSl otwB
zKKMJSlqnB
osnn7z| snmtn,U AJM o HDIPO@
0<Sl ond JA N@INDIB ?DNO<I>@
kps V iunYg<O IJIkAM@@UDIB NO<OPNh
kqn V ivnYg<O IJIkAM@@UDIB NO<OPNh
oHH <HKGDOP?@ <O AM@LP@I>T JA on V ss,U DI @<>C JA 9j :j ; ?DM@>ODJIN AJM p CJPMN
snnHmN`gsn+h DI 9j :j ; ?DM@>ODJIN AJM q ODH@N
2K@M<ODJI DI?D><OJMg4@? /~}h
Wond 0<Sl AJM N@INDIB ?DNO<I>@ <O ipnY RDOCDI O@HK@M<OPM@ M<IB@ JA kps V iunY
0DIlsn0[g<O snn7}| H@B<h
psnn7z| snmtn,U AJM o HDIPO@
0<Sl ond JA N@INDIB ?DNO<I>@
oHH <HKGDOP?@ <O AM@LP@I>T JA on V ss,U DI @<>C JA 9j :j ; ?DM@>ODJIN AJM p CJPMN
snnHmN`gsn+h DI 9j :j ; ?DM@>ODJIN AJM q ODH@N
0DIlsn0[g<O snn7}| H@B<h
qs V wsd4,
-3tug-~| NO<I?<M?h
kps V iunYg<O IJIkAM@@UDIB NO<OPNh
kqn V ivnYg<O IJIkAM@@UDIB NO<OPNh
2K@M<ODJI DI?D><OJMg4@? /~}h
n V qlsHH



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com